Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGU0631CKLFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9FGU0631CKLFT
Description  6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGU0631CKLFT Datasheet(HTML) 5 Page - Integrated Device Technology

  9FGU0631CKLFT Datasheet HTML 1Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 2Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 3Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 4Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 5Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 6Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 7Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 8Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
OCTOBER 18, 2016
5
6-O/P 1.5V PCIE GEN 1-2-3 CLOCK GENERATOR
9FGU0631 DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 9FGU0631. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
Electrical Characteristics–Current Consumption
Electrical Characteristics–DIF Output Duty Cycle, Jitter, and Skew Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VDDxx
Applies to all VDD pins
-0.5
2
V
1,2
Input Voltage
VIN
-0.5
VDD+0.5V
V
1,3
Input High Voltage, SMBus
VIHSMB
SMBus clock and data pins
3.3V
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
3 Not to exceed 2.5V.
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
IDDAOP
VDDA, All outputs active @100MHz
6.0
9
mA
IDDOP
All VDD, except VDDA and VDDIO, All outputs
active @100MHz
8.8
14
mA
IDDIOOP
VDDIO, All outputs active @100MHz
21
30
mA
IDDAPD
VDDA, DIF outputs off, REF output running
0.4
1
mA
2
IDDPD
All VDD, except VDDA and VDDIO,
DIF outputs off, REF output running
4.7
7.5
mA
2
IDDIOPD
VDDIO, DIF outputs off, REF output running
0.04
0.1
mA
2
IDDAPD
VDDA, all outputs off
0.4
1
mA
IDDPD
All VDD, except VDDA and VDDIO, all outputs off
0.4
1
mA
IDDIOPD
VDDIO, all outputs off
0.0003
0.1
mA
1 Guaranteed by design and characterization, not 100% tested in production.
2 This is the current required to have the REF output running in Wake-on-LAN mode (Byte 3, bit 5 = 1)
Operating Supply Current
Wake-on-LAN Current
(CKPWRGD_PD# = '0'
Byte 3, bit 5 = '1')
Powerdown Current
(CKPWRGD_PD# = '0'
Byte 3, bit 5 = '0')
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Duty Cycle
tDC
Measured differentially, PLL Mode
45
50
55
%
1,2
Skew, Output to Output
tsk3
Averaging on, VT = 50%
32
60
ps
1
Jitter, Cycle to cycle
tjcyc-cyc
16
50
ps
1,2
1Guaranteed by design and characterization, not 100% tested in production.
2 Measured from differential waveform


Similar Part No. - 9FGU0631CKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGU0631CKLFT RENESAS-9FGU0631CKLFT Datasheet
394Kb / 16P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
More results

Similar Description - 9FGU0631CKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGU0631 RENESAS-9FGU0631 Datasheet
394Kb / 16P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0831 IDT-9FGU0831_16 Datasheet
191Kb / 16P
   8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0831 RENESAS-9FGU0831 Datasheet
384Kb / 17P
   8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0641 IDT-9FGU0641_16 Datasheet
211Kb / 15P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGV0641 IDT-9FGV0641_16 Datasheet
210Kb / 15P
   6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0631 IDT-9FGV0631_16 Datasheet
207Kb / 15P
   6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGU0241 IDT-9FGU0241_16 Datasheet
205Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0231 IDT-9FGU0231_16 Datasheet
197Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0231 RENESAS-9FGU0231 Datasheet
389Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGV0841 IDT-9FGV0841_16 Datasheet
280Kb / 17P
   8-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com