Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGU0641 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9FGU0641
Description  6 O/P 1.5V PCIe Gen1-2-3 Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGU0641 Datasheet(HTML) 3 Page - Integrated Device Technology

  9FGU0641 Datasheet HTML 1Page - Integrated Device Technology 9FGU0641 Datasheet HTML 2Page - Integrated Device Technology 9FGU0641 Datasheet HTML 3Page - Integrated Device Technology 9FGU0641 Datasheet HTML 4Page - Integrated Device Technology 9FGU0641 Datasheet HTML 5Page - Integrated Device Technology 9FGU0641 Datasheet HTML 6Page - Integrated Device Technology 9FGU0641 Datasheet HTML 7Page - Integrated Device Technology 9FGU0641 Datasheet HTML 8Page - Integrated Device Technology 9FGU0641 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
OCTOBER 18, 2016
3
6 O/P 1.5V PCIE GEN1-2-3 CLOCK GENERATOR W/ZO=100OHMS
9FGU0641 DATASHEET
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
vSS_EN_tri
LATCHED
IN
Latched select input to select spread spectrum amount at initial power up :
1 = -0.5% spread, M = -0.25%, 0 = Spread Off
2
X1_25
IN
Crystal input, Nominally 25.00MHz.
3
X2
OUT
Crystal output.
4
VDDXTAL1.5
PWR
Power supply for XTAL, nominal 1.5V
5
VDDREF1.5
PWR
VDD for REF output. nominal 1.5V.
6
vSADR/REF1.5
LATCHED
I/O
Latch to select SMBus Address/1.5V LVCMOS copy of X1/REFIN pin
7
NC
N/A
No Connection.
8
GNDDIG
GND
Ground pin for digital circuitry
9
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
10
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
11
VDDDIG1.5
PWR
1.5V digital power (dirty power)
12
VDDIO
PWR
Power supply for differential outputs
13
vOE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
14
DIF0
OUT
Differential true clock output
15
DIF0#
OUT
Differential Complementary clock output
16
VDD1.5
PWR
Power supply, nominally 1.5V
17
VDDIO
PWR
Power supply for differential outputs
18
DIF1
OUT
Differential true clock output
19
DIF1#
OUT
Differential Complementary clock output
20
NC
N/A
No Connection.
21
vOE1#
IN
Active low input for enabling DIF pair 1. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
22
DIF2
OUT
Differential true clock output
23
DIF2#
OUT
Differential Complementary clock output
24
vOE2#
IN
Active low input for enabling DIF pair 2. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
25
NC
N/A
No Connection.
26
VDDA1.5
PWR
1.5V power for the PLL core.
27
VDDIO
PWR
Power supply for differential outputs
28
DIF3
OUT
Differential true clock output
29
DIF3#
OUT
Differential Complementary clock output
30
vOE3#
IN
Active low input for enabling DIF pair 3. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
31
VDD1.5
PWR
Power supply, nominally 1.5V
32
VDDIO
PWR
Power supply for differential outputs
33
DIF4
OUT
Differential true clock output
34
DIF4#
OUT
Differential Complementary clock output
35
vOE4#
IN
Active low input for enabling DIF pair 4. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
36
DIF5
OUT
Differential true clock output
37
DIF5#
OUT
Differential Complementary clock output
38
vOE5#
IN
Active low input for enabling DIF pair 5. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
39
VDDIO
PWR
Power supply for differential outputs
40
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high assertion. Low enters
Power Down Mode, subsequent high assertions exit Power Down Mode. This pin has internal
pull-up resistor.
41
ePAD
GND
Connect paddle to ground.


Similar Part No. - 9FGU0641

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0641 IDT-9FGU0641 Datasheet
211Kb / 15P
   Programmable Slew rate for each output
logo
Renesas Technology Corp
9FGU0641 RENESAS-9FGU0641 Datasheet
403Kb / 16P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0641AKILF RENESAS-9FGU0641AKILF Datasheet
403Kb / 16P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0641AKILFT RENESAS-9FGU0641AKILFT Datasheet
403Kb / 16P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0641AKLF RENESAS-9FGU0641AKLF Datasheet
403Kb / 16P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
More results

Similar Description - 9FGU0641

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0241 IDT-9FGU0241_16 Datasheet
205Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0231 IDT-9FGU0231_16 Datasheet
197Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0231 RENESAS-9FGU0231 Datasheet
389Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
9FGU0431 RENESAS-9FGU0431 Datasheet
391Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0431 IDT-9FGU0431_16 Datasheet
198Kb / 15P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0441 IDT-9FGU0441_16 Datasheet
202Kb / 15P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0641 RENESAS-9FGU0641 Datasheet
403Kb / 16P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0241 RENESAS-9FGU0241 Datasheet
398Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0441 RENESAS-9FGU0441 Datasheet
394Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0631 RENESAS-9FGU0631 Datasheet
394Kb / 16P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com