Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

9FGU0631 Datasheet(PDF) 12 Page - Integrated Device Technology

Part No. 9FGU0631
Description  6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGU0631 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button 9FGU0631_16 Datasheet HTML 7Page - Integrated Device Technology 9FGU0631_16 Datasheet HTML 8Page - Integrated Device Technology 9FGU0631_16 Datasheet HTML 9Page - Integrated Device Technology 9FGU0631_16 Datasheet HTML 10Page - Integrated Device Technology 9FGU0631_16 Datasheet HTML 11Page - Integrated Device Technology 9FGU0631_16 Datasheet HTML 12Page - Integrated Device Technology 9FGU0631_16 Datasheet HTML 13Page - Integrated Device Technology 9FGU0631_16 Datasheet HTML 14Page - Integrated Device Technology 9FGU0631_16 Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
6-O/P 1.5V PCIE GEN 1-2-3 CLOCK GENERATOR
12
OCTOBER 18, 2016
9FGU0631 DATASHEET
Thermal Characteristics
Marking Diagrams
Notes:
1. “LOT” denotes the lot number.
2. “COO” denotes the country of origin.
3. “YYWW” is the last two digits of the year and week that the part was assembled.
4. Line 2: truncated part number.
5. “L” denotes RoHS compliant package.
6. “I” denotes industrial temperature grade.
PARAMETER
SYMBOL
CONDITIONS
PKG
TYP.
UNITS
NOTES
θJC
Junction to Case
42
°C/W
1
θJb
Junction to Base
2.4
°C/W
1
θJA0
Junction to Air, still air
39
°C/W
1
θJA1
Junction to Air, 1 m/s air flow
33
°C/W
1
θJA3
Junction to Air, 3 m/s air flow
28
°C/W
1
θJA5
Junction to Air, 5 m/s air flow
27
°C/W
1
Thermal Resistance
NDG40
1ePad soldered to board
ICS
U0631CIL
YYWW
COO
LOT
ICS
GU0631CL
YYWW
COO
LOT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn