Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGU0431 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9FGU0431
Description  4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGU0431 Datasheet(HTML) 2 Page - Integrated Device Technology

  9FGU0431 Datasheet HTML 1Page - Integrated Device Technology 9FGU0431 Datasheet HTML 2Page - Integrated Device Technology 9FGU0431 Datasheet HTML 3Page - Integrated Device Technology 9FGU0431 Datasheet HTML 4Page - Integrated Device Technology 9FGU0431 Datasheet HTML 5Page - Integrated Device Technology 9FGU0431 Datasheet HTML 6Page - Integrated Device Technology 9FGU0431 Datasheet HTML 7Page - Integrated Device Technology 9FGU0431 Datasheet HTML 8Page - Integrated Device Technology 9FGU0431 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
4 O/P 1.5V PCIE GEN1-2-3 CLOCK GENERATOR
2
OCTOBER 18, 2016
9FGU0431 DATASHEET
Pin Configuration
SMBus Address Selection Table
Power Management Table
Power Connections
32 31 30 29 28 27 26 25
GNDXTAL 1
24 vOE2#
XIN/CLKIN_25 2
23 DIF2#
X2 3
22 DIF2
VDDXTAL1.5 4
21 VDDA1.5
VDDREF1.5 5
20 GNDA
vSADR/REF1.5 6
19 DIF1#
GNDREF 7
18 DIF1
GNDDIG 817 vOE1#
9 10111213 141516
32-pin VFQFPN, 5x5 mm, 0.5mm pitch
v prefix indicates internal 120KOhm pull down resistor
9FGU0431
^ prefix indicates internal 120KOhm pull up resistor
SADR
Address
0
1101000
1
1101010
State of SADR on first application
of CKPWRGD_PD#
+
Read/Write Bit
x
x
OEx#
True O/P
Comp. O/P
0
X
X
Low
Low
Hi-Z1
1
1
0
Running
Running
Running
1
0
1
Low
Low
Low
REF
CKPWRGD_PD#
SMBus
OE bit
DIFx
1. REF is Hi-Z until the 1st assertion of CKPWRGD_PD# high. After this, when
CKPWRG_PD# is low, REF is Low.
Pin Number
VDD
GND
41
57
98, 30
16, 25
15, 26
21
20
PLL Analog
REF Output
Description
XTAL Analog
Digital Power
DIF outputs


Similar Part No. - 9FGU0431

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0431 IDT-9FGU0431 Datasheet
199Kb / 15P
   Programmable Slew rate for each output
logo
Renesas Technology Corp
9FGU0431 RENESAS-9FGU0431 Datasheet
391Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
9FGU0431AKILF RENESAS-9FGU0431AKILF Datasheet
391Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
9FGU0431AKILFT RENESAS-9FGU0431AKILFT Datasheet
391Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
9FGU0431AKLF RENESAS-9FGU0431AKLF Datasheet
391Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
More results

Similar Description - 9FGU0431

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGU0431 RENESAS-9FGU0431 Datasheet
391Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0441 IDT-9FGU0441_16 Datasheet
202Kb / 15P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0241 IDT-9FGU0241_16 Datasheet
205Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0231 IDT-9FGU0231_16 Datasheet
197Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0231 RENESAS-9FGU0231 Datasheet
389Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0641 IDT-9FGU0641_16 Datasheet
211Kb / 15P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0441 RENESAS-9FGU0441 Datasheet
394Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0241 RENESAS-9FGU0241 Datasheet
398Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0641 RENESAS-9FGU0641 Datasheet
403Kb / 16P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841_16 Datasheet
207Kb / 16P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com