Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGL0451BKILFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9FGL0451BKILFT
Description  4-output 3.3V PCIe Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL0451BKILFT Datasheet(HTML) 5 Page - Integrated Device Technology

  9FGL0451BKILFT Datasheet HTML 1Page - Integrated Device Technology 9FGL0451BKILFT Datasheet HTML 2Page - Integrated Device Technology 9FGL0451BKILFT Datasheet HTML 3Page - Integrated Device Technology 9FGL0451BKILFT Datasheet HTML 4Page - Integrated Device Technology 9FGL0451BKILFT Datasheet HTML 5Page - Integrated Device Technology 9FGL0451BKILFT Datasheet HTML 6Page - Integrated Device Technology 9FGL0451BKILFT Datasheet HTML 7Page - Integrated Device Technology 9FGL0451BKILFT Datasheet HTML 8Page - Integrated Device Technology 9FGL0451BKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
OCTOBER 19, 2016
5
4-OUTPUT 3.3V PCIE CLOCK GENERATOR
9FGL04 DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 9FGL04. These ratings, which are standard values
for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended
operating temperature range.
Electrical Characteristics–SMBus Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VDDx
-0.5
4.6
V
1,2
Input Voltage
VIN
-0.5
VDD+0.5
V
1,3
Input High Voltage, SMBus
VIHSMB
SMBus clock and data pins
3.9
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2500
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
3 Not to exceed 4.6V.
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
SMBus Input Low Voltage
VILSMB
VDDSMB = 3.3V
0.8
V
SMBus Input High Voltage
VIHSMB
VDDSMB = 3.3V
2.1
3.6
V
SMBus Output Low Voltage
VOLSMB
@ IPULLUP
0.4
V
SMBus Sink Current
IPULLUP
@ VOL
4mA
Nominal Bus Voltage
VDDSMB
2.7
3.6
V
SCLK/SDATA Rise Time
tRSMB
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
1
SCLK/SDATA Fall Time
tFSMB
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
1
SMBus Operating
Frequency
fSMB
SMBus operating frequency
500
kHz
2
1 Guaranteed by design and characterization, not 100% tested in production.
2. The device must be powered up for the SMBus to function.


Similar Part No. - 9FGL0451BKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGL0451CKILF RENESAS-9FGL0451CKILF Datasheet
1Mb / 37P
   3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9FGL0451CKILFT RENESAS-9FGL0451CKILFT Datasheet
1Mb / 37P
   3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
More results

Similar Description - 9FGL0451BKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGL02 IDT-9FGL02_16 Datasheet
370Kb / 19P
   2-output 3.3V PCIe Clock Generator
9FGL08 IDT-9FGL08_16 Datasheet
402Kb / 19P
   8-output 3.3V PCIe Clock Generator
9FGL06 IDT-9FGL06_16 Datasheet
326Kb / 19P
   6-output 3.3V PCIe Clock Generator
logo
Diodes Incorporated
PI6CG33402C DIODES-PI6CG33402C Datasheet
1Mb / 24P
   3.3V Very-Low Power 4-Output PCIe Clock Generator With On-chip Termination
January 2020
logo
Renesas Technology Corp
9FGL02X1 RENESAS-9FGL02X1 Datasheet
1Mb / 37P
   3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
logo
Diodes Incorporated
PI6CG33401C DIODES-PI6CG33401C Datasheet
1Mb / 24P
   3.3V Very-Low-Power 4-Output PCIe Clock Generator With On-Chip Termination
Rev 3 - 2 January 2020
PI6CG184Q DIODES-PI6CG184Q Datasheet
1Mb / 18P
   4-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
logo
Renesas Technology Corp
9FGV0441 RENESAS-9FGV0441 Datasheet
688Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
JUNE 6, 2019
logo
Micrel Semiconductor
DSC557-04 MICREL-DSC557-04 Datasheet
641Kb / 7P
   Crystal-less??Three Output PCIe Clock Generator
logo
Diodes Incorporated
PI6CG188Q DIODES-PI6CG188Q Datasheet
1Mb / 19P
   8-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com