Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2705DB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2705DB
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2705DB Datasheet(HTML) 1 Page - Texas Instruments

  PCM2705DB Datasheet HTML 1Page - Texas Instruments PCM2705DB Datasheet HTML 2Page - Texas Instruments PCM2705DB Datasheet HTML 3Page - Texas Instruments PCM2705DB Datasheet HTML 4Page - Texas Instruments PCM2705DB Datasheet HTML 5Page - Texas Instruments PCM2705DB Datasheet HTML 6Page - Texas Instruments PCM2705DB Datasheet HTML 7Page - Texas Instruments PCM2705DB Datasheet HTML 8Page - Texas Instruments PCM2705DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
STEREO AUDIO DAC WITH USB INTERFACE,
SINGLEENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
FEATURES
D On-Chip USB Interface:
− With Full-Speed Transceivers
− Fully Compliant With USB 1.1
Specification
− Certified by USB-IF
− Partially Programmable Descriptors
− Adaptive Isochronous Transfer for
Playback
− Bus-Powered or Self-Powered Operation
D Sampling Rate: 32, 44.1, 48 kHz
D On-Chip Clock Generator:
Single 12-MHz Clock Source
D Single Power Supply:
− Bus-Powered: 5 V, Typical (VBUS)
− Self-Powered: 3.3 V, Typical
D 16-Bit Delta-Sigma Stereo DAC
− Analog Performance at 5 V (Bus),
3.3 V (Self):
− THD+N: 0.006% (RL > 10 kΩ,
Self-Powered)
− THD+N: 0.025% (RL = 32 Ω)
− SNR: 98 dB
− Dynamic Range: 98 dB
− PO: 12 mW (RL = 32 Ω)
− Oversampling Digital Filter
− Pass-Band Ripple:
±0.04 dB
− Stop-Band Attenuation: –50 dB
− Single-Ended Voltage Output
− Analog LPF Included
D Multiple Functions:
− Up to Eight Human Interface Device (HID)
Interfaces (Depending on Model and
Settings)
− Suspend Flag
− S/PDIF Out With SCMS
− External ROM Interface (PCM2704/6)
− Serial Programming Interface (PCM2705/7)
− I2S Interface (Selectable on PCM2706/7)
D Package:
− Lead-Free Product
− 28-Pin SSOP (PCM2704/5)
− 32-Pin TQFP (PCM2706/7)
APPLICATIONS
D USB Headphones
D USB Audio Speaker
D USB CRT/LCD Monitor
D USB Audio Interface Box
D USB-Featured Consumer Audio Product
DESCRIPTION
The PCM2704/5/6/7 is TI’s single-chip USB stereo audio
DAC with USB 1.1 compliant full-speed protocol controller
and S/PDIF. The USB-protocol controller works with no
software code, but USB descriptors can be modified in
some parts (for example, vendor ID/product ID) through
the use
of an external ROM (PCM2704/6) SPI
(PCM2705/7) or on request.The PCM2704/5/6/7
employs SpAct
 architecture, TI’s unique system that
recovers the audio clock from USB packet data. On-chip
analog PLLs with SpAct enable playback with low clock
jitter.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
BurrBrown Products
from Texas Instruments
Copyright
 2004, Texas Instruments Incorporated
†The modification of the USB descriptor through external ROM or SPI must comply with USB-IF guidelines, and the vendor ID must be your own
ID as assigned by the USB-IF. The descriptor also can be modified by changing a mask; please contact your representative for details.
SpAct is a trademark of Texas Instruments.


Similar Part No. - PCM2705DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2705DB TI1-PCM2705DB Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PCM2705DBG4 TI1-PCM2705DBG4 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PCM2705DBR TI1-PCM2705DBR Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PCM2705DBRG4 TI1-PCM2705DBRG4 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
More results

Similar Description - PCM2705DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704C TI1-PCM2704C_14 Datasheet
1Mb / 41P
[Old version datasheet]   Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2707C TI-PCM2707C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI-PCM2704C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output andS/PDIF Output
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900 TI-PCM2900 Datasheet
329Kb / 32P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 TI1-PCM2900_17 Datasheet
595Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com