Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI74ALVCH1622601 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part No. PI74ALVCH1622601
Description  18-Bit Universal Bus Transceiver With 3-State Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

PI74ALVCH1622601 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI74ALVCH1622601
18-BIT UNIVERSAL BUS TRANSCEIVER
3
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8115B
02/03/98
Storage Temperature .................................................. –65°C to +150°C
Ambient Temperature with Power Applied ................. –40°C to +85°C
Input Voltage Range, VIN ..................................... –0.5V to VCC +0.5V
Output Voltage Range, VOUT ............................... –0.5V to VCC +0.5V
DC Input Voltage .......................................................... –0.5V to +5.0V
DC Output Current ...................................................................... 100mA
Power Dissipation .......................................................................... 1.0W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
1. Unused control inputs must be held HIGH or LOW to prevent them from floating.
Recommended Operating Conditions(1)
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
V C
C
e
g
a
tl
o
V
y
l
p
p
u
S3
.
26
.
3
V
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
I
V C
C
V
7
.
2
o
t
V
3
.
2
=7
.
1
V C
C
V
6
.
3
o
t
V
7
.
2
=0
.
2
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
I
V C
C
V
7
.
2
o
t
V
3
.
2
=7
.
0
V C
C
V
6
.
3
o
t
V
7
.
2
=8
.
0
V N
I
e
g
a
tl
o
V
t
u
p
n
I0
VCC
V T
U
O
e
g
a
tl
o
V
t
u
p
t
u
O0
VCC
I H
O
t
n
e
rr
u
C
t
u
p
t
u
O
l
e
v
el
-
h
g
i
H
V C
C
V
3
.
2
=6
-
A
m
V C
C
V
7
.
2
=8
-
V C
C
V
0
.
3
=2
1
-
I L
O
t
n
e
rr
u
C
t
u
p
t
u
O
l
e
v
el
-
w
o
L
V C
C
V
3
.
2
=6
V C
C
V
7
.
2
=8
V C
C
V
0
.
3
=2
1
TA
e
r
u
t
a
r
e
p
m
e
T
ri
A
-
e
e
r
F
g
n
it
a
r
e
p
O0
4
-5
8C
°


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn