Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGL06 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 9FGL06
Description  6-output 3.3V PCIe Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL06 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 9FGL06 Datasheet HTML 7Page - Integrated Device Technology 9FGL06 Datasheet HTML 8Page - Integrated Device Technology 9FGL06 Datasheet HTML 9Page - Integrated Device Technology 9FGL06 Datasheet HTML 10Page - Integrated Device Technology 9FGL06 Datasheet HTML 11Page - Integrated Device Technology 9FGL06 Datasheet HTML 12Page - Integrated Device Technology 9FGL06 Datasheet HTML 13Page - Integrated Device Technology 9FGL06 Datasheet HTML 14Page - Integrated Device Technology 9FGL06 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
OCTOBER 19, 2016
11
6-OUTPUT 3.3V PCIE CLOCK GENERATOR
9FGL06 DATASHEET
SMBus Table: Output Enable Register 1
Byte 0
Name
Control Function
Type
0
1
Default
Bit 7
DIF OE5
Output Enable
RW
Pin controlled
1
Bit 6
DIF OE4
Output Enable
RW
Pin controlled
1
Bit 5
X
Bit 4
DIF OE3
Output Enable
RW
Pin controlled
1
Bit 3
DIF OE2
Output Enable
RW
Pin controlled
1
Bit 2
DIF OE1
Output Enable
RW
Pin controlled
1
Bit 1
X
Bit 0
DIF OE0
Output Enable
RW
See B11[1:0]
Pin controlled
1
SMBus Table: SS Readback and Control Register
Byte 1
Name
Control Function
Type
0
1
Default
Bit 7
SSENRB1
SS Enable Readback Bit1
R
Latch
Bit 6
SSENRB1
SS Enable Readback Bit0
R
Latch
Bit 5
SSEN_SWCNTRL
Enable SW control of SS
RW
SS control locked
Values in B1[4:3]
control SS amount.
0
Bit 4
SSENSW1
SS Enable Software Ctl Bit1
RW1
0
Bit 3
SSENSW0
SS Enable Software Ctl Bit0
RW1
0
Bit 2
X
Bit 1
AMPLITUDE 1
RW
00 = 0.6V
01= 0.68V
1
Bit 0
AMPLITUDE 0
RW
10 = 0.75V
11 = 0.85V
0
1. B1[5] must be set to a 1 for these bits to have any effect on the part.
SMBus Table: DIF Slew Rate Control Register
Byte 2
Name
Control Function
Type
0
1
Default
Bit 7
SLEWRATESEL DIF5
Adjust slew rate of DIF5
RW
Slow Setting
Fast Setting
1
Bit 6
SLEWRATESEL DIF4
Adjust slew rate of DIF4
RW
Slow Setting
Fast Setting
1
Bit 5
X
Bit 4
SLEWRATESEL DIF3
Adjust slew rate of DIF3
RW
Slow Setting
Fast Setting
1
Bit 3
SLEWRATESEL DIF2
Adjust slew rate of DIF2
RW
Slow Setting
Fast Setting
1
Bit 2
SLEWRATESEL DIF1
Adjust slew rate of DIF1
RW
Slow Setting
Fast Setting
1
Bit 1
X
Bit 0
SLEWRATESEL DIF0
Adjust slew rate of DIF0
RW
Slow Setting
Fast Setting
1
Note: See "Low-Power HCSL Outputs" table for slew rates.
SMBus Table: Nominal Vhigh Amplitude Control/ REF Control Register
Byte 3
Name
Control Function
Type
0
1
Default
Bit 7
RW
00 = Slowest
01 =Slow
0
Bit 6
RW
10 = Fast
11 = Fastest
1
Bit 5
REF Power Down Function
Wake-on-Lan Enable for REF
RW
REF disabled in
Power Down
REF runs in Power
Down
0
Bit 4
REF OE
REF Output Enable
RW
Disabled1
Enabled
1
Bit 3
X
Bit 2
X
Bit 1
X
Bit 0
X
1. The disabled state depends on Byte11[1:0]. '00' = Low, '01'=HiZ, '10'=Low, '11'=HIgh
Byte 4 is Reserved
REF
Slew Rate Control
1. A low on these bits will overide the OE# pin and force the differential output to the state indicated by B11[1:0] (Low/Low default)
00' for SS_EN_tri = 0, '01' for SS_EN_tri
= 'M', '11 for SS_EN_tri = '1'
00' = SS Off, '01' = -0.25% SS,
'10' = Reserved, '11'= -0.5% SS
Reserved
Controls Output Amplitude
See B11[1:0]
Reserved
See B11[1:0]
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved


Similar Part No. - 9FGL06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGL06 IDT-9FGL06 Datasheet
325Kb / 19P
   control input polarity
logo
Renesas Technology Corp
9FGL0641CKILF RENESAS-9FGL0641CKILF Datasheet
1Mb / 37P
   3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9FGL0641CKILFT RENESAS-9FGL0641CKILFT Datasheet
1Mb / 37P
   3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9FGL0651CKILF RENESAS-9FGL0651CKILF Datasheet
1Mb / 37P
   3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9FGL0651CKILFT RENESAS-9FGL0651CKILFT Datasheet
1Mb / 37P
   3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
More results

Similar Description - 9FGL06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGL02 IDT-9FGL02_16 Datasheet
370Kb / 19P
   2-output 3.3V PCIe Clock Generator
9FGL04 IDT-9FGL04_16 Datasheet
313Kb / 18P
   4-output 3.3V PCIe Clock Generator
9FGL08 IDT-9FGL08_16 Datasheet
402Kb / 19P
   8-output 3.3V PCIe Clock Generator
logo
Renesas Technology Corp
9FGL02X1 RENESAS-9FGL02X1 Datasheet
1Mb / 37P
   3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
logo
Analog Devices
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
   6-Output Clock Generator with 6-Output Clock Generator with
REV. B
AD9518-0 AD-AD9518-0 Datasheet
1Mb / 64P
   6-Output Clock Generator
REV. C
logo
Micrel Semiconductor
DSC557-04 MICREL-DSC557-04 Datasheet
641Kb / 7P
   Crystal-less??Three Output PCIe Clock Generator
DSC557-05 MICREL-DSC557-05 Datasheet
660Kb / 7P
   Crystal-less??Four Output PCIe Clock Generator
logo
Pericom Semiconductor C...
PI6CFGL601B PERICOM-PI6CFGL601B Datasheet
1,012Kb / 13P
   6-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
ON Semiconductor
NB3N51054 ONSEMI-NB3N51054 Datasheet
165Kb / 15P
   LVDS PCIe Clock Generator
May, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com