Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGL02 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # 9FGL02
Description  2-output 3.3V PCIe Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL02 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button 9FGL02_16 Datasheet HTML 8Page - Integrated Device Technology 9FGL02_16 Datasheet HTML 9Page - Integrated Device Technology 9FGL02_16 Datasheet HTML 10Page - Integrated Device Technology 9FGL02_16 Datasheet HTML 11Page - Integrated Device Technology 9FGL02_16 Datasheet HTML 12Page - Integrated Device Technology 9FGL02_16 Datasheet HTML 13Page - Integrated Device Technology 9FGL02_16 Datasheet HTML 14Page - Integrated Device Technology 9FGL02_16 Datasheet HTML 15Page - Integrated Device Technology 9FGL02_16 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
2-OUTPUT 3.3V PCIE CLOCK GENERATOR
12
OCTOBER 18, 2016
9FGL02 DATASHEET
SMBus Table: Revision and Vendor ID Register
Byte 5
Name
Control Function
Type
0
1
Default
Bit 7
RID3
R
0
Bit 6
RID2
R
0
Bit 5
RID1
R
0
Bit 4
RID0
R
1
Bit 3
VID3
R
0
Bit 2
VID2
R
0
Bit 1
VID1
R
0
Bit 0
VID0
R
1
SMBus Table: Device Type/Device ID
Byte 6
Name
Control Function
Type
0
1
Default
Bit 7
Device Type1
R
0
Bit 6
Device Type0
R
0
Bit 5
Device ID5
R
0
Bit 4
Device ID4
R
0
Bit 3
Device ID3
R
0
Bit 2
Device ID2
R
0
Bit 1
Device ID1
R
1
Bit 0
Device ID0
R
0
SMBus Table: Byte Count Register
Byte 7
Name
Control Function
Type
0
1
Default
Bit 7
X
Bit 6
X
Bit 5
X
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
0
Bit 1
BC1
RW
0
Bit 0
BC0
RW
0
Bytes 8 and 9 are Reserved
SMBus Table: PLL MN Enable, PD_Restore
Byte 10
Name
Control Function
Type
0
1
Default
Bit 7
Reserved
Reserve bit, leave at default
RW
Reserved
Reserved
0
Bit 6
Power-Down (PD) Restore
Restore Default Config. In PD
RW
Clear Config in PD Keep Config in PD
1
Bit 5
X
Bit 4
X
Bit 3
X
Bit 2
X
Bit 1
X
Bit 0
X
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Byte Count Programming
Writing to this register will configure how
many bytes will be read back, default is
= 8 bytes.
Reserved
VENDOR ID
0001 = IDT
Device Type
00 = FGx, 01 = DBx,
10 = DMx, 11= DBx w/oPLL
Device ID
00010 binary or 02 hex
Revision ID
B rev = 0001


Similar Part No. - 9FGL02_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGL0241CKILF RENESAS-9FGL0241CKILF Datasheet
1Mb / 37P
   3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9FGL0241CKILFT RENESAS-9FGL0241CKILFT Datasheet
1Mb / 37P
   3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9FGL0251CKILF RENESAS-9FGL0251CKILF Datasheet
1Mb / 37P
   3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9FGL0251CKILFT RENESAS-9FGL0251CKILFT Datasheet
1Mb / 37P
   3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9FGL02X1 RENESAS-9FGL02X1 Datasheet
1Mb / 37P
   3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
More results

Similar Description - 9FGL02_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGL04 IDT-9FGL04_16 Datasheet
313Kb / 18P
   4-output 3.3V PCIe Clock Generator
9FGL08 IDT-9FGL08_16 Datasheet
402Kb / 19P
   8-output 3.3V PCIe Clock Generator
9FGL06 IDT-9FGL06_16 Datasheet
326Kb / 19P
   6-output 3.3V PCIe Clock Generator
logo
Diodes Incorporated
PI6CG18200 DIODES-PI6CG18200 Datasheet
1Mb / 18P
   Very Low Power 2-Output PCIe Clock Generator
Rev 5 - 2 July 2020
PI6CG33201C DIODES-PI6CG33201C Datasheet
1Mb / 24P
   3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33202C DIODES-PI6CG33202C Datasheet
1Mb / 24P
   3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
logo
Renesas Technology Corp
9FGL02X1 RENESAS-9FGL02X1 Datasheet
1Mb / 37P
   3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841_16 Datasheet
207Kb / 16P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator
logo
Pericom Semiconductor C...
PI6C49004A PERICOM-PI6C49004A Datasheet
730Kb / 13P
   PCIe Gen 2 Networking Clock Generator
PI6CFGL201B PERICOM-PI6CFGL201B Datasheet
1Mb / 14P
   2-Output Low Power PCIE Gen 1-2-3 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com