Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8T73S208 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # 8T73S208
Description  2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8T73S208 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button 8T73S208_16 Datasheet HTML 11Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 12Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 13Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 14Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 15Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 16Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 17Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 18Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
©2016 Integrated Device Technology, Inc.
Revision D, June 15, 2016
8T73S208 Datasheet
Power Considerations
This section provides information on power dissipation and junction temperature for the 8T73S208.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the 8T73S208 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VCC = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
Power (core)MAX = VCC_MAX * IEE_MAX = 3.465V * 95mA = 329.175mW
Power (outputs)MAX = 36.3mW/Loaded Output pair
If all outputs are loaded, the total power is 8 * 36.3mW = 290.4mW
Power Dissipation for internal termination RT
(Assuming VIN = 0.15V and VCMR = 3.225V  VIH = 3.3V and VIL = 3.15V; and external 50 is connected from VT pin to VEE.)
Power (RT)MAX = 46.5mW
Total Power_MAX = (3.465V, with all outputs switching) = 329.175mW + 290.4mW + 46.5mW = 666.08mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad, and directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 42.7°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.666W * 42.7°C/W = 113.4°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 6. Thermal Resistance
JA for 32 Lead VFQFN, Forced Convection
JA vs. Air Flow
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
42.7°C/W
37.3°C/W
33.5°C/W


Similar Part No. - 8T73S208_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01 Datasheet
441Kb / 22P
   One differential input reference clock
8T73S208A-01 IDT-8T73S208A-01 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Integrated Device Techn...
8T73S208A-01NLGI IDT-8T73S208A-01NLGI Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
8T73S208A-01NLGI8 IDT-8T73S208A-01NLGI8 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
More results

Similar Description - 8T73S208_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
Analog Devices
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
   2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
ON Semiconductor
NB6L14 ONSEMI-NB6L14 Datasheet
153Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
December, 2006 ??Rev. 0
NB6L14 ONSEMI-NB6L14_07 Datasheet
113Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
May, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com