Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8T73S208 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 8T73S208
Description  2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8T73S208 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 8T73S208_16 Datasheet HTML 5Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 6Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 7Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 8Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 9Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 10Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 11Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 12Page - Integrated Device Technology 8T73S208_16 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
©2016 Integrated Device Technology, Inc.
Revision D, June 15, 2016
8T73S208 Datasheet
Parameter Measurement Information, continued
Part-to-Part Skew
Output Rise/Fall Time
Output Duty Cycle/Pulse Width/Period
Single-Ended & Differential Input, Output Voltage Swing
tsk(pp)
Par t 1
Par t 2
Qx
nQx
Qy
nQy
nQ[0:7]
Q[0:7]
10%
90%
90%
10%
tR
t F
VSWING
nQ[0:7]
Q[0:7]
nQ[0:7]
Q[0:7]
V
IN
V
DIFF_IN
Differential Voltage Swing = 2 x Single-ended V
IN


Similar Part No. - 8T73S208_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01 Datasheet
441Kb / 22P
   One differential input reference clock
8T73S208A-01 IDT-8T73S208A-01 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Integrated Device Techn...
8T73S208A-01NLGI IDT-8T73S208A-01NLGI Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
8T73S208A-01NLGI8 IDT-8T73S208A-01NLGI8 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
More results

Similar Description - 8T73S208_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
Analog Devices
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
   2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
ON Semiconductor
NB6L14 ONSEMI-NB6L14 Datasheet
153Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
December, 2006 ??Rev. 0
NB6L14 ONSEMI-NB6L14_07 Datasheet
113Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
May, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com