Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6V49205B Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 6V49205B
Description  Freescale System Clock w/Selectable DDR Frequency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

6V49205B Datasheet(HTML) 4 Page - Integrated Device Technology

  6V49205B Datasheet HTML 1Page - Integrated Device Technology 6V49205B Datasheet HTML 2Page - Integrated Device Technology 6V49205B Datasheet HTML 3Page - Integrated Device Technology 6V49205B Datasheet HTML 4Page - Integrated Device Technology 6V49205B Datasheet HTML 5Page - Integrated Device Technology 6V49205B Datasheet HTML 6Page - Integrated Device Technology 6V49205B Datasheet HTML 7Page - Integrated Device Technology 6V49205B Datasheet HTML 8Page - Integrated Device Technology 6V49205B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FREESCALE P10XX AND P20XX SYSTEM CLOCK W/SELECTABLE DDR FREQUENCY
4
REVISION R 11/23/16
6V49205B DATASHEET
Table 1: PCIEX Spread Table (selectable via SMBUS)
Table 2: Sys_CCB and DDR Spread Table (selectable via SMBUS)
Table 3: Sys_CCB Frequency Select Table (Latched and selectable via SMBUS)
Table 4: PCI Express Amplitude Control
FS1 /
B4b3
FS0 /
B4b2
Sys_CCB (MHz)
00
66.66
00
100
01
80
01
83.33
SELPCIE125#_100
B6b4
B0b4
B0b3
Spread %
0 (125MHz)
x
x
No Spread
1 (100MHz)
0
0
No Spread (default)
1 (100MHz)
0
1
Down -0.5%
1 (100MHz)
1
0
Down -0.75%
1 (100MHz)
1
1
No Spread
*Once in spread mode, do not return to non spread without reset
B0b7
B0b6
B0b5
Spread %
0
0
0
No Spread (default)
0
0
1
Down -0.5%
0
1
0
Down -0.75%
0
1
1
Down -0.25%
1
0
0
Down -1%
1
0
1
Down -1.25%
1
1
0
Down -1.5%
1
1
1
Down -2%
B6b7
B6b6
PCIe Amplitude
0
0
700mV
0
1
800mV
1
0
900mV
1
1
1000mV


Similar Part No. - 6V49205B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
6V49205B IDT-6V49205B Datasheet
338Kb / 16P
   Industrial temperature range operation
6V49205B IDT-6V49205B Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
logo
Renesas Technology Corp
6V49205B RENESAS-6V49205B Datasheet
802Kb / 18P
   Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
logo
Integrated Device Techn...
6V49205BNLGI IDT-6V49205BNLGI Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
logo
Renesas Technology Corp
6V49205BNLGI RENESAS-6V49205BNLGI Datasheet
802Kb / 18P
   Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
More results

Similar Description - 6V49205B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
6V49205B RENESAS-6V49205B Datasheet
802Kb / 18P
   Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
6V49205A RENESAS-6V49205A Datasheet
468Kb / 15P
   FREESCALE P10XX AND P20XX SYSTEM CLOCK WITH 66.66M DDR CLOCK
Mar 2020
logo
Integrated Device Techn...
IDT6V49205A IDT-IDT6V49205A Datasheet
248Kb / 15P
   FREESCALE P10XX AND P20XX SYSTEM CLOCK
6V49205B IDT-6V49205B_17 Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
840NT4 IDT-840NT4 Datasheet
611Kb / 30P
   System & DDR Clocks for Freescale B4/T4 Processor Systems
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_14 Datasheet
1Mb / 56P
   Clock output with selectable frequency
03/13/14
logo
Renesas Technology Corp
840NT4 RENESAS-840NT4 Datasheet
809Kb / 31P
   System & DDR Clocks for Freescale B4/T4 Processor Systems
2019
logo
Integrated Device Techn...
ICS951702 IDT-ICS951702 Datasheet
160Kb / 12P
   PIII??System Clock Chip for DDR SDRAM
logo
Integrated Circuit Syst...
ICS9177 ICST-ICS9177 Datasheet
316Kb / 8P
   High Frequency System Clock Generator
logo
Renesas Technology Corp
ICS951702 RENESAS-ICS951702 Datasheet
1Mb / 13P
   PIII™ System Clock Chip for DDR SDRAM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com