Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6V49205B Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 6V49205B
Description  Freescale System Clock w/Selectable DDR Frequency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

6V49205B Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 6V49205B_16 Datasheet HTML 7Page - Integrated Device Technology 6V49205B_16 Datasheet HTML 8Page - Integrated Device Technology 6V49205B_16 Datasheet HTML 9Page - Integrated Device Technology 6V49205B_16 Datasheet HTML 10Page - Integrated Device Technology 6V49205B_16 Datasheet HTML 11Page - Integrated Device Technology 6V49205B_16 Datasheet HTML 12Page - Integrated Device Technology 6V49205B_16 Datasheet HTML 13Page - Integrated Device Technology 6V49205B_16 Datasheet HTML 14Page - Integrated Device Technology 6V49205B_16 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REVISION R 11/23/16
11
FREESCALE P10XX AND P20XX SYSTEM CLOCK W/SELECTABLE DDR FREQUENCY
6V49205B DATASHEET
Recommended Crystal Characteristics
Byte 6 PCI Express Amplitude Control Register
Bit
Name
Description
Type
Default
7
PCIE_AMP1
RW
0
6
PCIE_AMP0
RW
1
5
SEL100#_66
DDRCLK latch select
R
latch
4
SELPCIE125#_100
PCI Express latch select
R
latch
3
Reserved
Reserved
RW
0
2
Reserved
Reserved
RW
1
1
Reserved
Reserved
RW
0
0
Reserved
Reserved
RW
1
Byte 7 Revision and Vendor ID Register
Bit
Name
Description
Type
Default
7REV ID
R
0
6REV ID
R
0
5REV ID
R
0
4REV ID
R
1
3
Vendor ID
R
0
2
Vendor ID
R
0
1
Vendor ID
R
0
0
Vendor ID
R
1
Byte 8 Byte Count Register
Bit
Name
Description
Type
Default
7BC7
RW
0
6BC6
RW
0
5BC5
RW
0
4BC4
RW
0
3BC3
RW
0
2BC2
RW
1
1BC1
RW
0
0BC0
RW
1
Byte Count Programming b(7:0)
--
01
--
--
--
--
--
--
--
01
Writing to this register will configure how
many bytes will be read back.
01
--
PCI Express Amplitude Control
See Table 4: PCIe Amplitude Selection
Table
100MHz
66MHz
125MHz
100MHz
--
--
Revision ID
Vendor ID
--
PARAMETER
VALUE
UNITS
NOTES
Frequency
25
MHz
1
Resonance Mode
Fundamental
-
1
Frequency Tolerance @ 25°C
±20
PPM Max
1
Frequency Stability, ref @ 25°C Over
Operating Temperature Range
±20
PPM Max
1
Temperature Range (commerical)
0~70
°C
1
Temperature Range (industrial)
-40~85
°C
1
Equivalent Series Resistance (ESR)
50
Ω Max
1
Shunt Capacitance (CO)7
pF Max
1
Load Capacitance (CL)8
pF Max
1
Drive Level
0.1
mW Max
1
Aging per year
±5
PPM Max
1


Similar Part No. - 6V49205B_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
6V49205B IDT-6V49205B_17 Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
More results

Similar Description - 6V49205B_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
6V49205B RENESAS-6V49205B Datasheet
802Kb / 18P
   Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
6V49205A RENESAS-6V49205A Datasheet
468Kb / 15P
   FREESCALE P10XX AND P20XX SYSTEM CLOCK WITH 66.66M DDR CLOCK
Mar 2020
logo
Integrated Device Techn...
IDT6V49205A IDT-IDT6V49205A Datasheet
248Kb / 15P
   FREESCALE P10XX AND P20XX SYSTEM CLOCK
6V49205B IDT-6V49205B_17 Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
840NT4 IDT-840NT4 Datasheet
611Kb / 30P
   System & DDR Clocks for Freescale B4/T4 Processor Systems
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_14 Datasheet
1Mb / 56P
   Clock output with selectable frequency
03/13/14
logo
Renesas Technology Corp
840NT4 RENESAS-840NT4 Datasheet
809Kb / 31P
   System & DDR Clocks for Freescale B4/T4 Processor Systems
2019
logo
Integrated Device Techn...
ICS951702 IDT-ICS951702 Datasheet
160Kb / 12P
   PIII??System Clock Chip for DDR SDRAM
logo
Integrated Circuit Syst...
ICS9177 ICST-ICS9177 Datasheet
316Kb / 8P
   High Frequency System Clock Generator
logo
Renesas Technology Corp
ICS951702 RENESAS-ICS951702 Datasheet
1Mb / 13P
   PIII™ System Clock Chip for DDR SDRAM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com