Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA537EDJ Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIA537EDJ
Description  N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA537EDJ Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIA537EDJ Datasheet HTML 5Page - Vishay Siliconix SIA537EDJ Datasheet HTML 6Page - Vishay Siliconix SIA537EDJ Datasheet HTML 7Page - Vishay Siliconix SIA537EDJ Datasheet HTML 8Page - Vishay Siliconix SIA537EDJ Datasheet HTML 9Page - Vishay Siliconix SIA537EDJ Datasheet HTML 10Page - Vishay Siliconix SIA537EDJ Datasheet HTML 11Page - Vishay Siliconix SIA537EDJ Datasheet HTML 12Page - Vishay Siliconix SIA537EDJ Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SiA537EDJ
www.vishay.com
Vishay Siliconix
S13-2635-Rev. A, 30-Dec-13
9
Document Number: 62934
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
P-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Charge
Source-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0
2
4
6
8
0369
12
15
18
ID =4.9 A
VDS =10V
VDS =5V
VDS =16V
Q
g - Total Gate Charge (nC)
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25 °C
TJ = 150 °C
V
SD - Source-to-Drain Voltage (V)
0.25
0.35
0.45
0.55
0.65
0.75
- 50
- 25
0
25
50
75
100
125
150
ID = 250 μA
T
J - Temperature (°C)
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
- 50
- 25
0
25
50
75
100
125
150
VGS =1.8 V; ID =1A
VGS =1.5 V; ID =0.5 A
VGS =2.5 V; 4.5V; I D =3.8 A
T
J - Junction Temperature (°C)
0.00
0.03
0.06
0.09
0.12
0.15
0.18
0
1234
5
ID = 1 A; TJ = 25 °C
ID = 3.8 A; TJ = 125 °C
ID = 1 A; TJ = 125 °C
ID = 3.8 A; TJ = 25 °C
V
GS - Gate-to-Source Voltage (V)
1000
100
1
0.001
0.01
0.1
10
Pulse (s)
20
10
5
15
0


Similar Part No. - SIA537EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIA537EDJ TFUNK-SIA537EDJ Datasheet
398Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SIA537EDJ DOINGTER-SIA537EDJ Datasheet
1Mb / 7P
   N-Channel and P-Channel MOSFET uses advanced trench technology To provide excellent RDS(ON)
logo
Vishay Siliconix
SIA537EDJ VISHAY-SIA537EDJ Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIA537EDJ-T1-GE3 VISHAY-SIA537EDJ-T1-GE3 Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIA537EDJ VISHAY-SIA537EDJ_V01 Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA537EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIA537EDJ TFUNK-SIA537EDJ Datasheet
398Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SIA537EDJ VISHAY-SIA537EDJ_V01 Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIA527DJ VISHAY-SIA527DJ Datasheet
333Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 29-Jul-13
SMMA511DJ VISHAY-SMMA511DJ Datasheet
264Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
Rev. B, 05-Oct-09
SI7540DP VISHAY-SI7540DP Datasheet
74Kb / 8P
   N- and P-Channel 12-V (D-S) MOSFET
Rev.. C, 16-Dec-02
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7540DP VISHAY-SI7540DP_09 Datasheet
534Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
logo
Vishay Telefunken
SI7540DP TFUNK-SI7540DP Datasheet
365Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SIA511DJ VISHAY-SIA511DJ Datasheet
321Kb / 6P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 19-Nov-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com