Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1028X Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1028X
Description  Dual N-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1028X Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1028X Datasheet HTML 1Page - Vishay Siliconix SI1028X Datasheet HTML 2Page - Vishay Siliconix SI1028X Datasheet HTML 3Page - Vishay Siliconix SI1028X Datasheet HTML 4Page - Vishay Siliconix SI1028X Datasheet HTML 5Page - Vishay Siliconix SI1028X Datasheet HTML 6Page - Vishay Siliconix SI1028X Datasheet HTML 7Page - Vishay Siliconix SI1028X Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 63862
S12-1956-Rev. B, 13-Aug-12
Vishay Siliconix
Si1028X
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
33
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 2.8
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
12.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 20
µA
VDS = 0 V, VGS = ± 4.5 V
± 1
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
VDS = 30 V, VGS = 0 V, TJ = 85 °C
10
On-State Drain Currenta
ID(on)
VDS =  5 V, VGS = 10 V
1A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 0.5 A
0.540
0.650
VGS = 4.5 V, ID = 0.2 A
0.640
0.770
Forward Transconductance
gfs
VDS = 10 V, ID = 0.5 A
1S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
16
pF
Output Capacitance
Coss
8
Reverse Transfer Capacitance
Crss
4
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 0.5 A
12
nC
VDS = 15 V, VGS = 4.5 V, ID = 0.5 A
0.5
1
Gate-Source Charge
Qgs
0.15
Gate-Drain Charge
Qgd
0.20
Gate Resistance
Rg
f = 1 MHz
50
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 37.5 
ID  0.38 A, VGEN = 4.5 V, Rg = 1 
816
ns
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
918
Fall Time
tf
816
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 37.5 
ID  0.38 A, VGEN = 10 V, Rg = 1 
24
Rise Time
tr
918
Turn-Off Delay Time
td(off)
714
Fall Time
tf
816
Drain-Source Body Diode Characteristics
Pulse Diode Forward Currenta
ISM
1A
Body Diode Voltage
VSD
IS = 0.38 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 0.38 A, dI/dt = 100 A/µs
918
ns
Body Diode Reverse Recovery Charge
Qrr
24
nC
Reverse Recovery Fall Time
ta
5
ns
Reverse Recovery Rise Time
tb
4


Similar Part No. - SI1028X

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI1028X TFUNK-SI1028X Datasheet
179Kb / 8P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI1028X VISHAY-SI1028X Datasheet
183Kb / 8P
   Dual N-Channel 30 V (D-S) MOSFET
08-Feb-17
SI1028X VISHAY-SI1028X_V01 Datasheet
183Kb / 8P
   Dual N-Channel 30 V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI1028X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com