Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72754S7T1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST72754S7T1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72754S7T1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST72754S7T1 Datasheet HTML 5Page - STMicroelectronics ST72754S7T1 Datasheet HTML 6Page - STMicroelectronics ST72754S7T1 Datasheet HTML 7Page - STMicroelectronics ST72754S7T1 Datasheet HTML 8Page - STMicroelectronics ST72754S7T1 Datasheet HTML 9Page - STMicroelectronics ST72754S7T1 Datasheet HTML 10Page - STMicroelectronics ST72754S7T1 Datasheet HTML 11Page - STMicroelectronics ST72754S7T1 Datasheet HTML 12Page - STMicroelectronics ST72754S7T1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 144 page
background image
ST72774/ST727754/ST72734
9/144
18
23
PD3/VFBACK/ITA
I/O
Port D3 or SYNC Vertical flyback input or interrupt fall-
ing edge detector input A
Refer to Figure 16 and
Table 11 Port D De-
scription
19
24
PD4/ITB
I/O
Port D4 or Interrupt falling edge detector input B
Refer to Table 11 Port
D Description
20
25
PD5/HFBACK
I/O
Port D5 or SYNC horizontal flyback input
TTL levels with pull-up
(SYNC input)
21
26
PD6/CLAMPOUT
I/O
Port D6 or SYNC clamping/ MOIRE output
22
27
PB0/SCLD
I/O
Port B0 or DDC serial clock
24
28
PB1/SDAD
I/O
Port B1 or DDC serial data
25
29
PB2/SCLI
I/O
Port B2 or I2C serial clock
26
30
PB3/SDAI
I/O
Port B3 or I2C serial data
27
31
PA7/BLANKOUT
I/O
Port A7 or SYNC blanking output
28
32
OSCOUT
O
Oscillator output
29
33
OSCIN
I
Oscillator input
30
34
PA6
I/O
Port A6
31
35
PA5
I/O
Port A5
32
36
PA4
I/O
Port A4
33
37
PA3
I/O
Port A3
34
38
PA2/VSYNCI2
I/O
Port A2 or SYNC vertical synchronisation input 2
DDC1 only
35
39
PA1
I/O
Port A1
36
40
RESET
I/O
Reset pin
Active low
37
41
TEST/VPP
S
Test mode pin or EPROM programming voltage. This
pin should be tied low in user mode.
38
42
PA0/OCMP1
I/O
Port A0 or TIMER output compare 1
Pin No.
Pin Name
Type
Description
Remarks


Similar Part No. - ST72754S7T1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7275-1 STMICROELECTRONICS-ST7275-1 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
ST72751N6 STMICROELECTRONICS-ST72751N6 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
ST72751N6 STMICROELECTRONICS-ST72751N6 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST72751N7 STMICROELECTRONICS-ST72751N7 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
ST72751N7 STMICROELECTRONICS-ST72751N7 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
More results

Similar Description - ST72754S7T1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72752 STMICROELECTRONICS-ST72752 Datasheet
57Kb / 3P
   8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
April 1998
ST72753 STMICROELECTRONICS-ST72753 Datasheet
64Kb / 3P
   8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
ST7277 STMICROELECTRONICS-ST7277 Datasheet
32Kb / 3P
   8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST7275-1 STMICROELECTRONICS-ST7275-1 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
RST7275-1 STMICROELECTRONICS-RST7275-1 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST7272 STMICROELECTRONICS-ST7272 Datasheet
6Mb / 119P
   8-BIT MCU WITH 24K ROM, EEPROM,ADC,PWM/BRM DACs,SYNC PROCESSOR,EWPCC,TIMER AND DDC INTERFACE
May 1996
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
   8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
October 1997 Rev. 1.2
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
   8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
logo
PADAUK Technology.
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
   8bit OTP MCU with 8-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com