Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS8802-1-A Datasheet(PDF) 9 Page - California Eastern Labs

Part No. PS8802-1-A
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8802-1-A Datasheet(HTML) 9 Page - California Eastern Labs

Back Button PS8802-1-A Datasheet HTML 5Page - California Eastern Labs PS8802-1-A Datasheet HTML 6Page - California Eastern Labs PS8802-1-A Datasheet HTML 7Page - California Eastern Labs PS8802-1-A Datasheet HTML 8Page - California Eastern Labs PS8802-1-A Datasheet HTML 9Page - California Eastern Labs PS8802-1-A Datasheet HTML 10Page - California Eastern Labs PS8802-1-A Datasheet HTML 11Page - California Eastern Labs PS8802-1-A Datasheet HTML 12Page - California Eastern Labs PS8802-1-A Datasheet HTML 13Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PS8802-1,-2
10
4
0
8
6
2
4
8
18
20
16
2
6
10
12
14
20 mA
15 mA
10 mA
IF = 5 mA
25 mA
Output Voltage VO (V)
OUTPUT CURRENT vs.
OUTPUT VOLTAGE
5
4
2
0
3
1
–50
0
50
100
–25
75
25
Ambient Temperature TA (˚C)
NORMALIZED PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25˚C,
IF = 16 mA, VCC = 5 V,
RL = 2.2 k
Ω
tPLH
tPHL
Forward Current IF (mA)
PROPAGATION DELAY TIME vs.
FORWARD CURRENT
3.0
0
1.0
2.0
10
15
25
5
20
tPHL
tPLH
VCC = 5 V,
RL = 2.2 k
Ω,
CTR : 25%
Load Resistance RL (
Ω)
PROPAGATION DELAY TIME vs.
LOAD RESISTANCE
VCC = 5 V,
IF = 16 mA,
CTR : 25%
tPLH
tPHL
10
1
0.1
10 k
100 k
1 k
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
6
5
4
2
0
3
1
12
16
20
48
26
10
14
18
RL = 2.2 k
Ω
5.6 k
Ω
Remark
The graphs indicate nominal characteristics.
Data Sheet PN10418EJ07V0DS
9


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn