Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8802-1-V-F3 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS8802-1-V-F3
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8802-1-V-F3 Datasheet(HTML) 4 Page - California Eastern Labs

  PS8802-1-V-F3 Datasheet HTML 1Page - California Eastern Labs PS8802-1-V-F3 Datasheet HTML 2Page - California Eastern Labs PS8802-1-V-F3 Datasheet HTML 3Page - California Eastern Labs PS8802-1-V-F3 Datasheet HTML 4Page - California Eastern Labs PS8802-1-V-F3 Datasheet HTML 5Page - California Eastern Labs PS8802-1-V-F3 Datasheet HTML 6Page - California Eastern Labs PS8802-1-V-F3 Datasheet HTML 7Page - California Eastern Labs PS8802-1-V-F3 Datasheet HTML 8Page - California Eastern Labs PS8802-1-V-F3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PS8802-1,-2
ORDERING INFORMATION
<R>
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part Number
*1
PS8802-1
PS8802-1-A
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS8802-1
PS8802-1-F3
PS8802-1-F3-A
(SnBi)
Embossed Tape 1 500 pcs/reel
(UL approved)
PS8802-1-F4
PS8802-1-F4-A
PS8802-2
PS8802-2-A
20 pcs (Tape 20 pcs cut)
PS8802-2
PS8802-2-F3
PS8802-2-F3-A
Embossed Tape 1 500 pcs/reel
PS8802-2-F4
PS8802-2-F4-A
PS8802-1-V
PS8802-1-V-A
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS8802-1
PS8802-1-V-F3
PS8802-1-V-F3-A
Embossed Tape 1 500 pcs/reel
(VDE0884 Part2)
PS8802-1-V-F4
PS8802-1-V-F4-A
Approved (Option)
PS8802-2-V
PS8802-2-V-A
20 pcs (Tape 20 pcs cut)
PS8802-2
PS8802-2-V-F3
PS8802-2-V-F3-A
Embossed Tape 1 500 pcs/reel
PS8802-2-V-F4
PS8802-2-V-F4-A
PS8802-1
PS8802-1-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS8802-1
PS8802-1-F3
PS8802-1-F3-AX
(Ni/Pd/Au)
Embossed Tape 1 500 pcs/reel
(UL approved)
PS8802-1-F4
PS8802-1-F4-AX
PS8802-2
PS8802-2-AX
20 pcs (Tape 20 pcs cut)
PS8802-2
PS8802-2-F3
PS8802-2-F3-AX
Embossed Tape 1 500 pcs/reel
PS8802-2-F4
PS8802-2-F4-AX
PS8802-1-V
PS8802-1-V-AX
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS8802-1
PS8802-1-V-F3
PS8802-1-V-F3-AX
Embossed Tape 1 500 pcs/reel
(VDE0884 Part2)
PS8802-1-V-F4
PS8802-1-V-F4-AX
Approved (Option)
PS8802-2-V
PS8802-2-V-AX
20 pcs (Tape 20 pcs cut)
PS8802-2
PS8802-2-V-F3
PS8802-2-V-F3-AX
Embossed Tape 1 500 pcs/reel
PS8802-2-V-F4
PS8802-2-V-F4-AX
*1 For the application of the Safety Standard, following part number should be used.
Data Sheet PN10418EJ07V0DS
4


Similar Part No. - PS8802-1-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8802-1-V-F3 CEL-PS8802-1-V-F3 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1-V-F3 CEL-PS8802-1-V-F3 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1-V-F3 RENESAS-PS8802-1-V-F3 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
PS8802-1-V-F3 RENESAS-PS8802-1-V-F3 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1-V-F3-A CEL-PS8802-1-V-F3-A Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS8802-1-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1_15 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1_04 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1_07 Datasheet
415Kb / 15P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
1Mb / 6P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com