Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2805A-4-V-F3-A Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS2805A-4-V-F3-A
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2805A-4-V-F3-A Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS2805A-4-V-F3-A Datasheet HTML 3Page - California Eastern Labs PS2805A-4-V-F3-A Datasheet HTML 4Page - California Eastern Labs PS2805A-4-V-F3-A Datasheet HTML 5Page - California Eastern Labs PS2805A-4-V-F3-A Datasheet HTML 6Page - California Eastern Labs PS2805A-4-V-F3-A Datasheet HTML 7Page - California Eastern Labs PS2805A-4-V-F3-A Datasheet HTML 8Page - California Eastern Labs PS2805A-4-V-F3-A Datasheet HTML 9Page - California Eastern Labs PS2805A-4-V-F3-A Datasheet HTML 10Page - California Eastern Labs PS2805A-4-V-F3-A Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CTR:390%
CTR:90%
0
100
200
300
400
0.01
0.1
1
10
100
VCE = 5 V,
n = 3
0.1
1
10
100
10
100
1 000
10 000
tf
tr
ts
IC = 2 mA, VCC = 5 V,
CTR = 236 %
TA = 25˚C
TA = 60˚C
IF = 5 mA (TYP.)
1.2
1.0
0.8
0.6
0.4
0.2
0
102
103
104
105
1
10
100
1 000
1
10
100
tr
td
ts
tf
IF = 5 mA, VCC = 5 V,
CTR = 236 %
RL = 1 k
300
100
IF = 5 mA,
VCE = 5 V
5
0
–5
–10
–15
–20
–25
0.1
1
10
100
1 000
10
td
Ambient Temperature TA (˚C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25˚C,
IF = 5 mA, VCE = 5 V
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
Sample A
B
C
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
Frequency f (kHz)
FREQUENCY RESPONSE
Time (Hr)
LONG TERM CTR DEGRADATION
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
75
25
0
25
50
75
100
50
Remark The graphs indicate nominal characteristics.
Data Sheet PN10399EJ02V0DS
7
PS2805A-1,PS2805A-4


Similar Part No. - PS2805A-4-V-F3-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2805A-4-V-F3 RENESAS-PS2805A-4-V-F3 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
More results

Similar Description - PS2805A-4-V-F3-A

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2805C-1-A ETC2-PS2805C-1-A Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832_12 Datasheet
196Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
KPS2801 COSMO-KPS2801_12 Datasheet
203Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com