Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8802-1-F4 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS8802-1-F4
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8802-1-F4 Datasheet(HTML) 3 Page - California Eastern Labs

  PS8802-1-F4 Datasheet HTML 1Page - California Eastern Labs PS8802-1-F4 Datasheet HTML 2Page - California Eastern Labs PS8802-1-F4 Datasheet HTML 3Page - California Eastern Labs PS8802-1-F4 Datasheet HTML 4Page - California Eastern Labs PS8802-1-F4 Datasheet HTML 5Page - California Eastern Labs PS8802-1-F4 Datasheet HTML 6Page - California Eastern Labs PS8802-1-F4 Datasheet HTML 7Page - California Eastern Labs PS8802-1-F4 Datasheet HTML 8Page - California Eastern Labs PS8802-1-F4 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PS8802-1,-2
MARKING EXAMPLE
<R>
SnBi PLATING
No. 1 pin Mark
PS8802-1
PS8802-2
No. 1 pin Mark
8802-2
NL831
Week Assembled
8802-1
NL831
8 31
Year Assembled
(Last 1 Digit)
L
N
Rank Code
In-house Code
(L: Pb-Free)
8 31
Year Assembled
(Last 1 Digit)
L
N
Rank Code
In-house Code
(L: Pb-Free)
Week Assembled
Type Number
Assembly Lot
Type Number
Assembly Lot
Ni/Pd/Au PLATING
No. 1 pin Mark
PS8802-1
PS8802-2
No. 1 pin Mark
8802-2
NT831
Week Assembled
8802-1
NT831
8 31
Year Assembled
(Last 1 Digit)
T
N
Rank Code
In-house Code
(T: Pb-Free)
8 31
Year Assembled
(Last 1 Digit)
T
N
Rank Code
In-house Code
(T: Pb-Free)
Week Assembled
Type Number
Assembly Lot
Type Number
Assembly Lot
Data Sheet PN10418EJ07V0DS
3


Similar Part No. - PS8802-1-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8802-1-F4 CEL-PS8802-1-F4 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1-F4 CEL-PS8802-1-F4 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1-F4 RENESAS-PS8802-1-F4 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
PS8802-1-F4 RENESAS-PS8802-1-F4 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1-F4-A CEL-PS8802-1-F4-A Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS8802-1-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1_15 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1_04 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1_07 Datasheet
415Kb / 15P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
1Mb / 6P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com