Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8551AL4-AX Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS8551AL4-AX
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8551AL4-AX Datasheet(HTML) 4 Page - California Eastern Labs

  PS8551AL4-AX Datasheet HTML 1Page - California Eastern Labs PS8551AL4-AX Datasheet HTML 2Page - California Eastern Labs PS8551AL4-AX Datasheet HTML 3Page - California Eastern Labs PS8551AL4-AX Datasheet HTML 4Page - California Eastern Labs PS8551AL4-AX Datasheet HTML 5Page - California Eastern Labs PS8551AL4-AX Datasheet HTML 6Page - California Eastern Labs PS8551AL4-AX Datasheet HTML 7Page - California Eastern Labs PS8551AL4-AX Datasheet HTML 8Page - California Eastern Labs PS8551AL4-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PS8551AL4
Chapter Title
R08DS0123EJ0100 Rev.1.00
Page 4 of 18
Jun 27, 2014
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Operating Ambient Temperature
TA
40 to +105
°C
Storage Temperature
Tstg
55 to+125
°C
Supply Voltage
VDD1, VDD2
0 to 5.5
V
Input Voltage
VIN+, VIN−
2 to VDD1+0.5
V
2 Seconds Transient Input Voltage
VIN+, VIN−
6 to VDD1+0.5
V
Output Voltage
VOUT+, VOUT−
0.5 to VDD2+0.5
V
Isolation Voltage
*1
BV
5 000
Vr.m.s.
*1 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-4 shorted together, 5-8 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
MAX.
Unit
Operating Ambient Temperature
TA
−40
105
°C
Supply Voltage
VDD1, VDD2
4.5
5.5
V
Input Voltage
(Accurate and Linear)
*1
VIN+, VIN−
−200
200
mV
*1 Using VIN− = 0 V (to be connected to GND1) is recommended. Avoid using VIN− of 2.5 V or more, because the
internal test mode is activated when the voltage VIN− reaches more than 2.5 V.


Similar Part No. - PS8551AL4-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8551AL4-E3 RENESAS-PS8551AL4-E3 Datasheet
367Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551AL4-V RENESAS-PS8551AL4-V Datasheet
367Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551AL4-V-E3 RENESAS-PS8551AL4-V-E3 Datasheet
367Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
More results

Similar Description - PS8551AL4-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8352AL2 RENESAS-PS8352AL2 Datasheet
430Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4_15 RENESAS-PS8551L4_15_15 Datasheet
275Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4 RENESAS-PS8551L4 Datasheet
284Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551AL4 RENESAS-PS8551AL4_15 Datasheet
367Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551L4 CEL-PS8551L4 Datasheet
3Mb / 18P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS9551-L4 CEL-PS9551-L4 Datasheet
201Kb / 11P
   HIGH CMR, DIGITAL OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER (SIGMA-DELTA MODULATOR)
logo
Burr-Brown (TI)
3656 BURR-BROWN-3656 Datasheet
149Kb / 17P
   Transformer Coupled ISOLATION AMPLIFIER
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com