Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8802-1 Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS8802-1
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8802-1 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS8802-1 Datasheet HTML 3Page - California Eastern Labs PS8802-1 Datasheet HTML 4Page - California Eastern Labs PS8802-1 Datasheet HTML 5Page - California Eastern Labs PS8802-1 Datasheet HTML 6Page - California Eastern Labs PS8802-1 Datasheet HTML 7Page - California Eastern Labs PS8802-1 Datasheet HTML 8Page - California Eastern Labs PS8802-1 Datasheet HTML 9Page - California Eastern Labs PS8802-1 Datasheet HTML 10Page - California Eastern Labs PS8802-1 Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PS8802-1,-2
*1 Test circuit for propagation delay time
Input
Output
50%
1.5 V
VOL
tPHL
tPLH
(IF = 7.5 mA)
Pulse input (IF)
(PW = 1 s,
Duty cycle = 1/10)
VO (Monitor)
VCC = 5 V
Input
(Monitor)
0.1 F
CL = 15 pF
47
Ω
RL = 2.2 k
Ω
PS8802-1
μ
μ
Pulse input (IF)
(PW = 1 s,
Duty cycle = 1/10)
VO (Monitor)
VCC = 5 V
Input
(Monitor)
0.1 F
CL = 15 pF
47
Ω
RL = 2.2 k
Ω
PS8802-2
μ
μ
Remark CL is approximately 15 pF which includes probe and stray wiring capacitance.
*2 Test circuit for common mode transient immunity
IF
VO (Monitor)
VCC = 5 V
0.1 F
RL = 4.1 k
Ω
PS8802-1
VCM
μ
CL = 15 pF
IF
VO (Monitor)
VCC = 5 V
0.1 F
RL = 4.1 k
Ω
PS8802-2
VCM
SW
μ
CL = 15 pF
90%
10%
1.5 kV
0 V
VOH
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 16 mA)
tr
tf
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of 0.1
μF is used between VCC and GND near device. Also, ensure that the distance between
the leads of the photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.
Data Sheet PN10418EJ07V0DS
7


Similar Part No. - PS8802-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS8802-1 NEC-PS8802-1 Datasheet
107Kb / 3P
   NECs 1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
415Kb / 15P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
More results

Similar Description - PS8802-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1_15 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1_04 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1_07 Datasheet
415Kb / 15P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
1Mb / 6P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com