Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8551AL4-E3 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS8551AL4-E3
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8551AL4-E3 Datasheet(HTML) 2 Page - California Eastern Labs

  PS8551AL4-E3 Datasheet HTML 1Page - California Eastern Labs PS8551AL4-E3 Datasheet HTML 2Page - California Eastern Labs PS8551AL4-E3 Datasheet HTML 3Page - California Eastern Labs PS8551AL4-E3 Datasheet HTML 4Page - California Eastern Labs PS8551AL4-E3 Datasheet HTML 5Page - California Eastern Labs PS8551AL4-E3 Datasheet HTML 6Page - California Eastern Labs PS8551AL4-E3 Datasheet HTML 7Page - California Eastern Labs PS8551AL4-E3 Datasheet HTML 8Page - California Eastern Labs PS8551AL4-E3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PS8551AL4
Chapter Title
R08DS0123EJ0100 Rev.1.00
Page 2 of 18
Jun 27, 2014
PACKAGE DIMENSIONS (UNIT: mm)
Lead Bending Type (Gull-wing) For Long Creepage Distance For Surface Mount (L4)
9.25
+0.5
–0.25
6.5
+0.5
–0.1
10.05
±0.4
0.62±0.25
1.01
+0.4
–0.2
2.54
0.5±0.15
PHOTOCOUPLER CONSTRUCTION
Parameter
Unit (MIN.)
Air Distance
8 mm
Outer Creepage Distance
8 mm
Isolation Distance
0.4 mm


Similar Part No. - PS8551AL4-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8551AL4-E3 RENESAS-PS8551AL4-E3 Datasheet
367Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
More results

Similar Description - PS8551AL4-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8352AL2 RENESAS-PS8352AL2 Datasheet
430Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4_15 RENESAS-PS8551L4_15_15 Datasheet
275Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4 RENESAS-PS8551L4 Datasheet
284Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551AL4 RENESAS-PS8551AL4_15 Datasheet
367Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551L4 CEL-PS8551L4 Datasheet
3Mb / 18P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS9551-L4 CEL-PS9551-L4 Datasheet
201Kb / 11P
   HIGH CMR, DIGITAL OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER (SIGMA-DELTA MODULATOR)
logo
Burr-Brown (TI)
3656 BURR-BROWN-3656 Datasheet
149Kb / 17P
   Transformer Coupled ISOLATION AMPLIFIER
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com