Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2832-4-V Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS2832-4-V
Description  HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2832-4-V Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS2832-4-V Datasheet HTML 4Page - California Eastern Labs PS2832-4-V Datasheet HTML 5Page - California Eastern Labs PS2832-4-V Datasheet HTML 6Page - California Eastern Labs PS2832-4-V Datasheet HTML 7Page - California Eastern Labs PS2832-4-V Datasheet HTML 8Page - California Eastern Labs PS2832-4-V Datasheet HTML 9Page - California Eastern Labs PS2832-4-V Datasheet HTML 10Page - California Eastern Labs PS2832-4-V Datasheet HTML 11Page - California Eastern Labs PS2832-4-V Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PS2832-1,-4,PS2833-1,-4
VCC = 10 V,
IC = 10 mA,
CTR = 2 300 %
1 000
100
10
1
0.1
10
50
100
500 1000
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
Normalized to 1.0
at TA = 25 ˚C,
IF = 1 mA, VCE = 2 V
Ambient Temperature TA (˚C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
–50
–25
0
25
50
75
100
1.4
1.0
1.2
0.8
0.6
0.4
0.2
0.0
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
0.1
1
0.5
10
5
40
4 000
4 500
3 500
3 000
2 500
2 000
1 500
1 000
500
0
IF = 1 mA
TA = 25 ˚C
60 ˚C
Time (Hr)
LONG TERM CTR DEGRADATION
10
10
2
10
3
10
4
10
5
10
6
1.2
1.0
0.8
0.6
0.4
0.2
0.0
;;
tr
tf
td
ts
VCE = 2 V
Sample A
B
C
Remark The graphs indicate nominal characteristics.
Data Sheet PN10257EJ01V0DS
8


Similar Part No. - PS2832-4-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2832-4-V NEC-PS2832-4-V Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
logo
Renesas Technology Corp
PS2832-4-V RENESAS-PS2832-4-V Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
NEC
PS2832-4-V-F3 NEC-PS2832-4-V-F3 Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
logo
Renesas Technology Corp
PS2832-4-V-F3 RENESAS-PS2832-4-V-F3 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
NEC
PS2832-4-V-F4 NEC-PS2832-4-V-F4 Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
More results

Similar Description - PS2832-4-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2832-1 RENESAS-PS2832-1_15 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2732-1 CEL-PS2732-1 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2933-1 CEL-PS2933-1 Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com