Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8302 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS8302
Description  1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8302 Datasheet(HTML) 2 Page - California Eastern Labs

  PS8302 Datasheet HTML 1Page - California Eastern Labs PS8302 Datasheet HTML 2Page - California Eastern Labs PS8302 Datasheet HTML 3Page - California Eastern Labs PS8302 Datasheet HTML 4Page - California Eastern Labs PS8302 Datasheet HTML 5Page - California Eastern Labs PS8302 Datasheet HTML 6Page - California Eastern Labs PS8302 Datasheet HTML 7Page - California Eastern Labs PS8302 Datasheet HTML 8Page - California Eastern Labs PS8302 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet PN10688EJ05V0DS
2
PS8302L,PS8302L2
PACKAGE DIMENSIONS (UNIT: mm)
Lead Bending Type (Gull-wing) For Surface Mount
9.7±0.3
0.8±0.25
7.62
4.58±0.3
(0.82)
PS8302L
0.4±0.1
0.25 M
1.27
Lead Bending Type For Long Creepage Distance (Gull-wing) For Surface Mount
PS8302L2
11.5±0.3
4.58±0.3
0.75±0.25
(0.82)
7.62
0.4±0.1
0.25 M
1.27


Similar Part No. - PS8302

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8302L CEL-PS8302L Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8302L RENESAS-PS8302L Datasheet
234Kb / 18P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS8302L-AX CEL-PS8302L-AX Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS8302L-E3 CEL-PS8302L-E3 Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8302L-E3 RENESAS-PS8302L-E3 Datasheet
234Kb / 18P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS8302

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8302L CEL-PS8302L Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8302L RENESAS-PS8302L Datasheet
234Kb / 18P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9317L RENESAS-PS9317L_15 Datasheet
247Kb / 18P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9313L RENESAS-PS9313L Datasheet
181Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9313L CEL-PS9313L Datasheet
228Kb / 17P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8902 RENESAS-PS8902 Datasheet
291Kb / 17P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 14.5 mm
logo
California Eastern Labs
PS9324L CEL-PS9324L Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9324L RENESAS-PS9324L_15 Datasheet
338Kb / 19P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com