Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2430X1-EVAL Datasheet(PDF) 6 Page - California Eastern Labs

Part # CG2430X1-EVAL
Description  0.1 to 6.0GHz SP3T Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2430X1-EVAL Datasheet(HTML) 6 Page - California Eastern Labs

  CG2430X1-EVAL Datasheet HTML 1Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 2Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 3Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 4Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 5Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 6Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 7Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CG2430X1
This document is subject to change without notice.
6
REVISION HISTORY
Version
Change to current version
Page(s)
CDS-0010-03 (Issue A)
February 17, 2016
Initial datasheet
N/A
CDS-0010-03 (Issue B)
March 23, 2016
Added Eval Board ordering information.
Updated Marking information.
1,2
CDS-0010-04 (Issue C)
April 20, 2016
Revised package dimensions
(Added tolerance spec and Pin thickness)
5
CDS-0010-04 (Issue D)
August 11, 2016
Removed “Preliminary”
All


Similar Part No. - CG2430X1-EVAL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2430X1-EVAL CEL-CG2430X1-EVAL Datasheet
835Kb / 9P
   0.1 to 6.0GHz SP3T Switch
CG2430X1-EVAL CEL-CG2430X1-EVAL Datasheet
788Kb / 10P
   0.1 to 6.0GHz SP3T Switch
More results

Similar Description - CG2430X1-EVAL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2430X1 CEL-CG2430X1_17 Datasheet
788Kb / 10P
   0.1 to 6.0GHz SP3T Switch
CG2430X1 CEL-CG2430X1_16 Datasheet
835Kb / 9P
   0.1 to 6.0GHz SP3T Switch
logo
Skyworks Solutions Inc.
SKYA21062 SKYWORKS-SKYA21062 Datasheet
947Kb / 10P
   0.1 to 6.0 GHz SP3T Switch
November 18, 2022
SKY13588-460LF SKYWORKS-SKY13588-460LF Datasheet
739Kb / 9P
   0.1 to 6.0 GHz SP3T Switch
SKY13385-460LF SKYWORKS-SKY13385-460LF Datasheet
727Kb / 10P
   0.1 to 3.5 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF_15 Datasheet
756Kb / 11P
   0.1 to 3.5 GHz SP3T Switch
SKY13373-460LF SKYWORKS-SKY13373-460LF_15 Datasheet
748Kb / 9P
   0.1 to 6.0 GHz SP3T Switch
SKY13373-460LF SKYWORKS-SKY13373-460LF Datasheet
521Kb / 10P
   SKY13373-460LF 0.1-6.0 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF Datasheet
528Kb / 12P
   SKY13345-368LF 0.1-3.5 GHz SP3T Switch
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
   SP3T SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com