Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA691IDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA691IDBVT
Description  Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA691IDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA691IDBVT Datasheet HTML 5Page - Texas Instruments OPA691IDBVT Datasheet HTML 6Page - Texas Instruments OPA691IDBVT Datasheet HTML 7Page - Texas Instruments OPA691IDBVT Datasheet HTML 8Page - Texas Instruments OPA691IDBVT Datasheet HTML 9Page - Texas Instruments OPA691IDBVT Datasheet HTML 10Page - Texas Instruments OPA691IDBVT Datasheet HTML 11Page - Texas Instruments OPA691IDBVT Datasheet HTML 12Page - Texas Instruments OPA691IDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
OPA691
9
SBOS226A
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V
G = +2, RF = 453Ω, and RL = 100Ω to +2.5V, unless otherwise noted (see Figure 2).
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
G = +2
V
O = 0.5Vp-p
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
G = +2
V
O = 2Vp-p
60
50
40
30
20
10
0
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
9
6
3
0
–3
–6
–9
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (25MHz/div)
0
250MHz
125MHz
C
L = 22pF
C
L = 10pF
C
L = 47pF
C
L = 100pF
OPA691
453
453
57.6
806
806
1k
VI
+5V
0.1
µF
VO
RS
CL
0.1
µF
1k
Ω is optional.
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
Frequency (25MHz/div)
0
250MHz
125MHz
LARGE-SIGNAL FREQUENCY RESPONSE
V
O = 0.5Vp-p
V
O = 2Vp-p
G = +2
R
L = 100Ω to 2.5V
V
O = 1Vp-p
1
0
–1
–2
–3
–4
–5
–6
–7
–8
Frequency (25MHz/div)
0
250MHz
125MHz
SMALL-SIGNAL FREQUENCY RESPONSE
G = +2,
R
F = 453Ω
G = +10,
R
F = 180Ω
G = +5,
R
F = 340Ω
G = +1,
R
F = 499Ω
V
O = 0.5Vp-p


Similar Part No. - OPA691IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA691IDBVT TI1-OPA691IDBVT Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691IDBVTG4 TI1-OPA691IDBVTG4 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA691IDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com