Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE3524K3-C1 Datasheet(PDF) 8 Page - California Eastern Labs

Part # CE3524K3-C1
Description  24GHz Super Low Noise FET in Hollow Plastic PKG
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CE3524K3-C1 Datasheet(HTML) 8 Page - California Eastern Labs

  CE3524K3-C1 Datasheet HTML 1Page - California Eastern Labs CE3524K3-C1 Datasheet HTML 2Page - California Eastern Labs CE3524K3-C1 Datasheet HTML 3Page - California Eastern Labs CE3524K3-C1 Datasheet HTML 4Page - California Eastern Labs CE3524K3-C1 Datasheet HTML 5Page - California Eastern Labs CE3524K3-C1 Datasheet HTML 6Page - California Eastern Labs CE3524K3-C1 Datasheet HTML 7Page - California Eastern Labs CE3524K3-C1 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CE3524K3
This document is subject to change without notice.
8
PRELIMINARY DATASHEET
[CAUTION]
This product uses gallium arsenide (GaAs) of the toxic substance appointed in laws and ordinances.
GaAs vapor and powder are hazardous to human health if inhaled or ingested.
Do not dispose in fire or break up this product.
Do not chemically make gas or powder with this product.
When discarding this product, please obey the laws of your country.
Do not lick the product or in any way allow it to enter the mouth.
[CAUTION]
Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can
damage this device. This device must be protected at all times from ESD. Static charges may easily
produce potentials of several kilovolts on the human body or equipment, which can discharge
without detection. Industry-standard ESD precautions should be used at all times.
CEL Headquarters
• 4590 Patrick Henry Drive • Santa Clara, CA 95054 • Tel: (408) 919-2500 • www.cel.com
For a complete list of sales offices, representatives and distributors,
Please visit our website: www.cel.com/contactus
For inquiries email us at rfw@cel.com


Similar Part No. - CE3524K3-C1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CE3520K3 CEL-CE3520K3 Datasheet
748Kb / 8P
   20 GHz Super Low Noise FET in Hollow Plastic PKG
CE3520K3-C1 CEL-CE3520K3-C1 Datasheet
748Kb / 8P
   20 GHz Super Low Noise FET in Hollow Plastic PKG
CE3521M4 CEL-CE3521M4 Datasheet
762Kb / 8P
   20 GHz Low Noise FET in Dual Mold Plastic PKG
CE3521M4-C2 CEL-CE3521M4-C2 Datasheet
762Kb / 8P
   20 GHz Low Noise FET in Dual Mold Plastic PKG
More results

Similar Description - CE3524K3-C1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CE3512K2 CEL-CE3512K2 Datasheet
758Kb / 8P
   12 GHz Super Low Noise FET in Hollow Plastic PKG
CE3520K3 CEL-CE3520K3 Datasheet
748Kb / 8P
   20 GHz Super Low Noise FET in Hollow Plastic PKG
CE3514M4 CEL-CE3514M4 Datasheet
746Kb / 8P
   12GHz Low Noise FET in Dual Mold Plastic PKG
CE3521M4 CEL-CE3521M4 Datasheet
762Kb / 8P
   20 GHz Low Noise FET in Dual Mold Plastic PKG
logo
United Monolithic Semic...
CHA2090 UMS-CHA2090 Datasheet
130Kb / 8P
   17-24GHz Low Noise Amplifier
logo
Fujitsu Component Limit...
FMM5701X FUJITSU-FMM5701X Datasheet
150Kb / 4P
   24GHz Low Noise Amplifier MMIC
logo
California Eastern Labs
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com