Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5350X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS5350X
Description  50 V, 3 A PNP low VCEsat (BISS) transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5350X Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS5350X Datasheet HTML 1Page - NXP Semiconductors PBSS5350X Datasheet HTML 2Page - NXP Semiconductors PBSS5350X Datasheet HTML 3Page - NXP Semiconductors PBSS5350X Datasheet HTML 4Page - NXP Semiconductors PBSS5350X Datasheet HTML 5Page - NXP Semiconductors PBSS5350X Datasheet HTML 6Page - NXP Semiconductors PBSS5350X Datasheet HTML 7Page - NXP Semiconductors PBSS5350X Datasheet HTML 8Page - NXP Semiconductors PBSS5350X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2003 Nov 21
3
Philips Semiconductors
Product specification
50 V, 3 A
PNP low VCEsat (BISS) transistor
PBSS5350X
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; standard footprint.
2. Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; mounting pad for collector 1 cm2.
3. Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; mounting pad for collector 6 cm2.
4. Device mounted on a ceramic printed-circuit board 7 cm2, single-sided copper, tinplated.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PBSS5350X
plastic surface mounted package; collector pad for good heat
transfer; 6 leads
SOT89
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−50
V
VCEO
collector-emitter voltage
open base
−−50
V
VEBO
emitter-base voltage
open collector
−−5V
IC
collector current (DC)
note 4
−−3A
ICM
peak collector current
limited by Tj max
−−5A
IB
base current (DC)
−−0.5
A
Ptot
total power dissipation
Tamb ≤ 25 °C
note 1
550
mW
note 2
1W
note 3
1.4
W
note 4
1.6
W
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C


Similar Part No. - PBSS5350X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350X PHILIPS-PBSS5350X Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PBSS5350X NXP-PBSS5350X Datasheet
214Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 04
logo
Foshan Blue Rocket Elec...
PBSS5350X FOSHAN-PBSS5350X Datasheet
908Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
logo
Nexperia B.V. All right...
PBSS5350X NEXPERIA-PBSS5350X Datasheet
277Kb / 12P
   50 V, 3 A PNP low VCEsat transistor
16 May 2022
logo
NXP Semiconductors
PBSS5350X PHILIPS-PBSS5350X_15 Datasheet
214Kb / 12P
   PNP low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
More results

Similar Description - PBSS5350X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350X NXP-PBSS5350X Datasheet
214Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS5350X PHILIPS-PBSS5350X_15 Datasheet
214Kb / 12P
   PNP low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
PBSS5350T PHILIPS-PBSS5350T Datasheet
86Kb / 10P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 13
logo
Nexperia B.V. All right...
PBSS5350TH NEXPERIA-PBSS5350TH Datasheet
252Kb / 14P
   50 V, 3 A PNP low VCEsat (BISS) transistor
PBSS5350Z NEXPERIA-PBSS5350Z Datasheet
249Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
18 November 2019
logo
NXP Semiconductors
PBSS5350T PHILIPS-PBSS5350T_15 Datasheet
179Kb / 10P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 13
PBSS5350D PHILIPS-PBSS5350D_15 Datasheet
262Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 6-28 June 2011
logo
Nexperia B.V. All right...
PBSS5360X NEXPERIA-PBSS5360X Datasheet
236Kb / 12P
   V, 3 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS5350SS PHILIPS-PBSS5350SS_15 Datasheet
108Kb / 14P
   50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01-3 April 2007
logo
Nexperia B.V. All right...
PBSS5250TH NEXPERIA-PBSS5250TH Datasheet
248Kb / 14P
   50 V, 2 A PNP low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com