Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3692 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA3692
Description  Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA3692 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA3692 Datasheet HTML 7Page - Texas Instruments OPA3692 Datasheet HTML 8Page - Texas Instruments OPA3692 Datasheet HTML 9Page - Texas Instruments OPA3692 Datasheet HTML 10Page - Texas Instruments OPA3692 Datasheet HTML 11Page - Texas Instruments OPA3692 Datasheet HTML 12Page - Texas Instruments OPA3692 Datasheet HTML 13Page - Texas Instruments OPA3692 Datasheet HTML 14Page - Texas Instruments OPA3692 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
OPA691
11
SBOS226A
www.ti.com
APPLICATIONS INFORMATION
WIDEBAND CURRENT FEEDBACK OPERATION
The OPA691 gives the exceptional AC performance of a
wideband current feedback op amp with a highly linear, high
power output stage. Requiring only 5.1mA quiescent current,
the OPA691 will swing to within 1V of either supply rail and
deliver in excess of 160mA at room temperature. This low
output headroom requirement, along with supply voltage
independent biasing, gives remarkable single (+5V) supply
operation. The OPA691 will deliver greater than 200MHz
bandwidth driving a 2Vp-p output into 100
Ω on a single +5V
supply. Previous boosted output stage amplifiers have typi-
cally suffered from very poor crossover distortion as the
output current goes through zero. The OPA691 achieves a
comparable power gain with much better linearity. The pri-
mary advantage of a current feedback op amp over a voltage
feedback op amp is that AC performance (bandwidth and
distortion) is relatively independent of signal gain. For similar
AC performance at low gains, with improved DC accuracy,
consider the high slew rate, unity-gain stable, voltage feed-
back OPA690.
Figure 1 shows the DC-coupled, gain of +2, dual power-
supply circuit configuration used as the basis of the
±5V
Electrical Characteristic tables and Typical Characteristic
curves. For test purposes, the input impedance is set to 50
with a resistor to ground and the output impedance is set to
50
Ω with a series output resistor. Voltage swings reported in
the specifications are taken directly at the input and output
pins while load powers (dBm) are defined at a matched 50
load. For the circuit of Figure 1, the total effective load will be
100
Ω || 804Ω = 89Ω. The disable control line (DIS) is
typically left open to ensure normal amplifier operation. One
optional component is included in Figure 1. In addition to the
usual power-supply de-coupling capacitors to ground, a
0.1
µF capacitor is included between the two power-supply
pins. In practical PC board layouts, this optional added
capacitor will typically improve the 2nd-harmonic distortion
performance by 3dB to 6dB.
Figure 2 shows the AC-coupled, gain of +2, single-supply
circuit configuration used as the basis of the +5V Electrical
Characteristic tables and Typical Characteristic curves.
Though not a “rail-to-rail” design, the OPA691 requires mini-
mal input and output voltage headroom compared to other
very wideband current feedback op amps. It will deliver a
3Vp-p output swing on a single +5V supply with greater than
150MHz bandwidth. The key requirement of broadband single-
supply operation is to maintain input and output signal
swings within the usable voltage ranges at both the input and
the output. The circuit of Figure 2 establishes an input
midpoint bias using a simple resistive divider from the +5V
supply (two 806
Ω resistors). The input signal is then AC-
coupled into this midpoint voltage bias. The input voltage can
swing to within 1.5V of either supply pin, giving a 2Vp-p input
signal range centered between the supply pins. The input
impedance matching resistor (57.6
Ω) used for testing is
adjusted to give a 50
Ω input match when the parallel combi-
nation of the biasing divider network is included. The gain
resistor (RG) is AC-coupled, giving the circuit a DC gain of
+1—which puts the input DC bias voltage (2.5V) on the
output as well. The feedback resistor value has been ad-
justed from the bipolar supply condition to re-optimize for a
flat frequency response in +5V, gain of +2, operation (see
Setting Resistor Values to Optimize Bandwidth). Again, on a
single +5V supply, the output voltage can swing to within 1V
of either supply pin while delivering more than 120mA output
current. A demanding 100
Ω load to a mid-point bias is used
in this characterization circuit. The new output stage used in
the OPA691 can deliver large bipolar output currents into this
mid-point load with minimal crossover distortion, as shown by
the +5V supply, 3rd-harmonic distortion plots.
FIGURE 1. DC-Coupled, G = +2, Bipolar Supply, Specifica-
tion and Test Circuit.
FIGURE 2. AC-Coupled, G = +2, Single-Supply Specification
and Test Circuit.
OPA691
+5V
+
DIS
–5V
–V
S
+V
S
50
Ω Load
50
50
V
O
V
I
50
Ω Source
R
G
402
R
F
402
+
6.8
µF
0.1
µF
6.8
µF
0.1
µF
0.1
µF
OPA691
+5V
DIS
V
S/2
806
100
V
O
V
I
+V
S
57.6
806
R
F
453
R
G
453
0.1
µF
0.1
µF
6.8
µF
+
0.1
µF


Similar Part No. - OPA3692

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3692 TI-OPA3692 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3692 BURR-BROWN-OPA3692 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3692 BURR-BROWN-OPA3692 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3692 BURR-BROWN-OPA3692 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3692 BURR-BROWN-OPA3692 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results

Similar Description - OPA3692

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com