Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP561SN33T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP561SN33T1
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP561SN33T1 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP561SN33T1 Datasheet HTML 1Page - ON Semiconductor NCP561SN33T1 Datasheet HTML 2Page - ON Semiconductor NCP561SN33T1 Datasheet HTML 3Page - ON Semiconductor NCP561SN33T1 Datasheet HTML 4Page - ON Semiconductor NCP561SN33T1 Datasheet HTML 5Page - ON Semiconductor NCP561SN33T1 Datasheet HTML 6Page - ON Semiconductor NCP561SN33T1 Datasheet HTML 7Page - ON Semiconductor NCP561SN33T1 Datasheet HTML 8Page - ON Semiconductor NCP561SN33T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 4
1
Publication Order Number:
NCP561/D
NCP561
150 mA CMOS Low Iq
Low−Dropout Voltage
Regulator
The NCP561 series of fixed output low dropout linear regulators are
designed for handheld communication equipment and portable battery
powered applications which require low quiescent. The NCP561
series features an ultralow quiescent current of 3.0
mA. Each device
contains a voltage reference unit, an error amplifier, a PMOS power
transistor, resistors for setting output voltage, current limit, and
temperature limit protection circuits.
The NCP561 has been designed to be used with low cost ceramic
capacitors and requires a minimum output capacitor of 1.0
mF. The
device is housed in the micro−miniature TSOP−5 surface mount
package. Standard voltage versions are 1.5 V, 1.8 V, 2.5 V, 2.7 V,
2.8 V, 3.0 V, 3.3 V and 5.0 V.
Features
Low Quiescent Current of 3.0 mA Typical
Low Dropout Voltage of 170 mV at 150 mA
Low Output Voltage Option
Output Voltage Accuracy of 2.0%
Industrial Temperature Range of −40°C to 85°C
Pb−Free Packages are Available
Typical Applications
Battery Powered Instruments
Hand−Held Instruments
Camcorders and Cameras
Driver w/
Current
Limit
VIN
VOUT
Thermal
Shutdown
Enable
GND
OFF
ON
1
3
5
2
Figure 1. Representative Block Diagram
This device contains 28 active transistors
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
TSOP−5
SN SUFFIX
CASE 483
PIN CONNECTIONS AND
MARKING DIAGRAM
1
3
N/C
VIN
2
GND
Enable
4
VOUT
5
xxx = Specific Device Code
Y
= Year
W = Work Week
(Top View)
1
5
http://onsemi.com


Similar Part No. - NCP561SN33T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1 ONSEMI-NCP561SN33T1 Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
More results

Similar Description - NCP561SN33T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com