Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP60R950C6 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPP60R950C6
Description  600V CoolMOS??C6 Power Transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP60R950C6 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPP60R950C6 Datasheet HTML 1Page - Infineon Technologies AG IPP60R950C6 Datasheet HTML 2Page - Infineon Technologies AG IPP60R950C6 Datasheet HTML 3Page - Infineon Technologies AG IPP60R950C6 Datasheet HTML 4Page - Infineon Technologies AG IPP60R950C6 Datasheet HTML 5Page - Infineon Technologies AG IPP60R950C6 Datasheet HTML 6Page - Infineon Technologies AG IPP60R950C6 Datasheet HTML 7Page - Infineon Technologies AG IPP60R950C6 Datasheet HTML 8Page - Infineon Technologies AG IPP60R950C6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
drain
pin 2
gate
pin 1
source
pin 3
600V CoolMOS
™ C6 Power Transistor
IPD60R950C6, IPB60R950C6
IPP60R950C6, IPA60R950C6
FinalData Sheet
2
Rev. 2.2, 2014-12-10
1
Description
CoolMOS
™ is a revolutionary technology for high voltage power
MOSFETs, designed according to the superjunction (SJ) principle and
pioneered by Infineon Technologies. CoolMOS
™ C6 series combines the
experience of the leading SJ MOSFET supplier with high class innovation.
The resulting devices provide all benefits of a fast switching SJ MOSFET
while not sacrificing ease of use. Extremely low switching and conduction
losses make switching applications even more efficient, more compact,
lighter, and cooler.
Features
Extremely low losses due to very low FOM Rdson*Qg and Eoss
Very high commutation ruggedness
Easy to use/drive
Qualified for industrial grade applications according to JEDEC1)
Pb-free plating, Halogen free mold compound
Applications
PFC stages, hard switching PWM stages and resonant switching PWM
stages for e.g. PC Silverbox, Adapter, LCD & PDP TV, Lighting, Server,
Telecom and UPS.
Please note: For MOSFET paralleling the use of ferrite beads on the gate
or separate totem poles is generally recommended.
1) J-STD20 and JESD22
Table 1
Key Performance Parameters
Parameter
Value
Unit
VDS @ Tj,max
650
V
RDS(on),max
0.95
"
Qg,typ
13
nC
ID,pulse
12
A
Eoss @ 400V
1.3
µJ
Body diode di/dt
500
A/µs
Type / Ordering Code
Package
Marking
Related Links
IPD60R950C6
PG-TO252
!
IFX C6 Product Brief
IPB60R950C6
PG-TO263
!
IFX C6 Portfolio
IPP60R950C6
PG-TO220
6R950C6
!
IFX CoolMOS Webpage
IPA60R950C6
PG-TO220 FullPAK
!
IFX Design tools


Similar Part No. - IPP60R950C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP60R950C6 INFINEON-IPP60R950C6 Datasheet
1Mb / 18P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.1, 2010-03-11
logo
Inchange Semiconductor ...
IPP60R950C6 ISC-IPP60R950C6 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPP60R950C6 INFINEON-IPP60R950C6 Datasheet
1Mb / 18P
   600V CoolMOS??C6 Power Transistor
Rev. 2.5 2020-05-20
More results

Similar Description - IPP60R950C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R041C6 INFINEON-IPW60R041C6 Datasheet
868Kb / 13P
   600V CoolMOS C6 Power Transistor
2010-07-12 revision:2.1
IPX60R950C6 INFINEON-IPX60R950C6 Datasheet
1Mb / 18P
   600V CoolMOS??C6 Power Transistor
Rev. 2.5 2020-05-20
IPD60R2K0C6 INFINEON-IPD60R2K0C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-20 revision:2.0
IPD60R3K3C6 INFINEON-IPD60R3K3C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-21 revision:2.0
IPD60R1K4C6 INFINEON-IPD60R1K4C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-19 revision:2.0
6R190C6 INFINEON-6R190C6 Datasheet
1Mb / 19P
   600V CoolMOS C6 Power Transistor
Rev. 2.3 2018-02-26
LPD60R2K0C6 INFINEON-LPD60R2K0C6 Datasheet
790Kb / 14P
   600V CoolMOS??C6 Power Transistor
Rev. 2.2, 2020-05-20
IPL60R2K1C6S INFINEON-IPL60R2K1C6S Datasheet
1Mb / 14P
   600V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPL60R1K5C6S INFINEON-IPL60R1K5C6S Datasheet
1Mb / 14P
   600V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPD60R1K4C6BTMA1 INFINEON-IPD60R1K4C6BTMA1 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor IPD60R1K4C6
2010-07-19 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com