Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKW50N60DTP Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IKW50N60DTP
Description  600V DuoPack IGBT and diode TRENCHSTOPTM Performance series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW50N60DTP Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IKW50N60DTP Datasheet HTML 3Page - Infineon Technologies AG IKW50N60DTP Datasheet HTML 4Page - Infineon Technologies AG IKW50N60DTP Datasheet HTML 5Page - Infineon Technologies AG IKW50N60DTP Datasheet HTML 6Page - Infineon Technologies AG IKW50N60DTP Datasheet HTML 7Page - Infineon Technologies AG IKW50N60DTP Datasheet HTML 8Page - Infineon Technologies AG IKW50N60DTP Datasheet HTML 9Page - Infineon Technologies AG IKW50N60DTP Datasheet HTML 10Page - Infineon Technologies AG IKW50N60DTP Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
IKW50N60DTP
TRENCHSTOPTMP
erformanceSeries
Rev.2.1,2016-02-08
Figure 1.
Forwardbiassafeoperatingarea
(D=0,TC=25°C,Tj
≤175°C;VGE=15V)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0.1
1
10
100
1000
0.1
1
10
100
tp=1µs
Figure 2.
Powerdissipationasafunctionofcase
temperature
(Tj
≤175°C)
TC,CASETEMPERATURE[°C]
25
50
75
100
125
150
175
0
50
100
150
200
250
300
350
Figure 3.
Collectorcurrentasafunctionofcase
temperature
(VGE
≥15V,Tj≤175°C)
TC,CASETEMPERATURE[°C]
25
50
75
100
125
150
175
0
25
50
75
100
Figure 4.
Typicaloutputcharacteristic
(Tj=25°C)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0
1
2
3
4
0
10
20
30
40
50
60
70
80
90
100
110
120
130
VGE=20V
15V
13V
11V
9V
7V


Similar Part No. - IKW50N60DTP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW50N60H3 INFINEON-IKW50N60H3 Datasheet
2Mb / 16P
   High speed switching series third generation
Rev.2.2,2014-03-12
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW50N60T INFINEON-IKW50N60T Datasheet
417Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Sep 08
IKW50N60T INFINEON-IKW50N60T Datasheet
598Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKW50N60TA INFINEON-IKW50N60TA Datasheet
951Kb / 14P
   Designed for DC/AC converters for Automotive Application
Rev. 2.3 17.09.2014
More results

Similar Description - IKW50N60DTP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW40N60DTP INFINEON-IGW40N60DTP Datasheet
1Mb / 14P
   600V DuoPack IGBT TRENCHSTOPTM Performance series
Rev.2.1,2016-02-05
IKW30N60DTP INFINEON-IKW30N60DTP Datasheet
1Mb / 16P
   600V DuoPack IGBT and diode
Rev.2.1,2016-02-08
IKW40N60DTP INFINEON-IKW40N60DTP Datasheet
1Mb / 16P
   600V DuoPack IGBT and diode
Rev.2.1,2016-02-08
IGW50N60TP INFINEON-IGW50N60TP Datasheet
1Mb / 14P
   600V IGBT TRENCHSTOPTM Performance series
Rev.2.1,2016-02-05
IKW75N65ET7 INFINEON-IKW75N65ET7 Datasheet
1Mb / 17P
   TRENCHSTOPTM IGBT 7 Low Loss Duopack: IGBT with Trench and Fieldstop technology
2020-11-11
AIKB20N60CT INFINEON-AIKB20N60CT Datasheet
1Mb / 16P
   Low Loss DuoPack: IGBT in TRENCHSTOPTM and Fieldstop technology with soft, fast recovery anti-parallel diode
V2.1 2017-02-09
AIKW20N60CT INFINEON-AIKW20N60CT Datasheet
1Mb / 16P
   Low Loss DuoPack: IGBT in TRENCHSTOPTM and Fieldstop technology with soft, fast recovery antiparallel Emitter Controlled diode
V2.1 2017-02-09
AIKQ100N60CT INFINEON-AIKQ100N60CT Datasheet
1Mb / 16P
   Low Loss DuoPack: IGBT in TRENCHSTOPTM and Fieldstop technology with soft, fast recovery antiparallel Emitter Controlled diode
V2.1 2017-02-09
AIKQ120N60CT INFINEON-AIKQ120N60CT Datasheet
1Mb / 16P
   Low Loss DuoPack: IGBT in TRENCHSTOPTM and Fieldstop technology with soft, fast recovery antiparallel Emitter Controlled diode
V2.1 2017-02-09
AIKW50N60CT INFINEON-AIKW50N60CT Datasheet
1Mb / 16P
   Low Loss DuoPack: IGBT in TRENCHSTOPTM and Fieldstop technology with soft, fast recovery antiparallel Emitter Controlled diode
V2.1 2017-02-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com