Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6203E22ATR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6203E22ATR
Description  POSITIVE VOLTAGE REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6203E22ATR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6203E22ATR Datasheet HTML 2Page - Torex Semiconductor XC6203E22ATR Datasheet HTML 3Page - Torex Semiconductor XC6203E22ATR Datasheet HTML 4Page - Torex Semiconductor XC6203E22ATR Datasheet HTML 5Page - Torex Semiconductor XC6203E22ATR Datasheet HTML 6Page - Torex Semiconductor XC6203E22ATR Datasheet HTML 7Page - Torex Semiconductor XC6203E22ATR Datasheet HTML 8Page - Torex Semiconductor XC6203E22ATR Datasheet HTML 9Page - Torex Semiconductor XC6203E22ATR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
■Absolute Maximum Ratings
■Block Diagram
VIN
VOUT
VSS
VIN
VOUT
VSS
XC6203E
XC6203P
Voltage
Reference
Current
Limit
Voltage
Reference
+
-
+
-
PARAMETER
Input Voltage
SYMBOL
RATINGS
500
Output Current
Output Voltage
SOT-89
SOT-223
Operating Ambient Temperature
Storage Temperature
VIN
IOUT
VOUT
Pd
Topr
Tstg
12
500
VSS−0.3∼VIN+0.3
1,200 (NOTE)
−40∼+85
−40∼+125
TO-92
Power
Dissipation
300
UNITS
mA
Ta=25
°C
mW
°C
°C
Note: Circuits board mounting : Double-sided board
XC6203 Series
244
3
GTO-92
DESIGNATOR
P
E
PRODUCT NAME
XC6203P*****
XC6203E*****
DESIGNATOR
0
1
PRODUCED YEAR
2000
2001
DESIGNATOR
PRODUCT NAME
XC6203*33***
XC6203*50***
XC6203*28A**
3
0
8
2
2
A
VOLTAGE
(V)
3.3
5.0
2.85
VOLTAGE
ACCURACY(%)
±2
±2
±2
3
5
2
q Represents the type of regulator
wer Represents the output voltage
y Denotes the production lot number
0 to 9, A to Z repeated(G.I.J.O.Q.W excepted)
 Note: Character inversion is not used
t Represents a least significant digit of the produced year
1 2 3 4
5 6
TO-92(L Type)
(TOP VIEW)
6203
L
1 2 3 4
5 6
TO-92(T Type)
(TOP VIEW)
6203
03S_03XC6203 02.9.12 2:54 PM ページ 244


Similar Part No. - XC6203E22ATR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203E18AFB TOREX-XC6203E18AFB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFH TOREX-XC6203E18AFH Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFL TOREX-XC6203E18AFL Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFR TOREX-XC6203E18AFR Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18ALB TOREX-XC6203E18ALB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
More results

Similar Description - XC6203E22ATR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com