Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTV212MN64 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MTV212MN64
Description  8051 Embedded Monitor Controller Flash Type with ISP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV212MN64 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MTV212MN64 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV212MN64 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV212MN64 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV212MN64 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212MN64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212MN64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212MN64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212MN64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212MN64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MYSON
TECHNOLOGY
MTV212M64i
(Rev 0.9)
8051 Embedded Monitor Controller
Flash Type with ISP
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without
notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Revision 0.9
- 1 -
2000/11/16
FEATURES
8051 core, 12MHz operating frequency.
1024-byte RAM; 64K-byte program Flash-ROM support In System Programming(ISP).
Maximum 14 channels of 5V open-drain PWM DAC.
Maximum 32 bi-directional I/O pins.
SYNC processor for composite separation/insertion, H/V polarity/frequency check, polarity adjustment
and programmable clamp pulse output.
Built-in self-test pattern generator with four free-running timings.
Built-in low power reset circuit.
Compliant with VESA DDC1/2B/2Bi/2B+ standard.
Dual slave IIC addresses.
Single master IIC interface for internal device communication.
4-channel 6-bit ADC.
Watchdog timer with programmable intervals.
40-pin DIP, 42-pin SDIP or 44-pin PLCC package.
GENERAL DESCRIPTIONS
The MTV212M64i micro-controller is an 8051 CPU core embedded device especially tailored to Monitor
applications. It includes an 8051 CPU core, 1024-byte SRAM, SYNC processor, 14 built-in PWM DACs,
VESA DDC interface, 4-channel A/D converter and a 64K-byte internal program Flash-ROM.
BLOCK DIAGRAM
P1.0-7
P2.0-2,P2.4-7
P3.4-5
X1
P0.0-
7
RD
WR
ALE
INT1
X2
8051
P3.2-0
RST
P0.0-
7
RD
WR
ALE
INT1
XFR
STOUT
HBLANK
VBLANK
HSYNC
VSYNC
HCLAMP
HALFV
HALFH
H/VSYNC
CONTROL
ISCL
ISDA
HSCL
HSDA
DDC & IIC
INTERFACE
ADC
AD0-2
14 CHANNEL
PWM DAC


Similar Part No. - MTV212MN64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
More results

Similar Description - MTV212MN64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com