Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZK16L Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # HZK16L
Description  High peak reverse power dissipation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HZK16L Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  HZK16L Datasheet HTML 1Page - EIC discrete Semiconductors HZK16L Datasheet HTML 2Page - EIC discrete Semiconductors HZK16L Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HZK-L Series
ZENER DIODES
PD : 400 mW
FEATURES :
* High peak reverse power dissipation
* High reliability
* Low leakage current
* Pb / RoHS Free
MECHANICAL DATA
* Case : MiniMELF Glass Case (SOD-80C)
* Weight : 0.05 gram (approximately)
MAXIMUM RATINGS (Ta=25
°C)
Parameter
Symbol
Value
Unit
Power Dissipation
PD
400
mW
Junction Temperature
Tj
175
°C
Storage Temperature Range
Tstg
- 55 to + 175
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C)
Test
Maximum Dymamic
Maximum
Current
Resistance
Reverse Current
IZT
rd
@
IZ
γz
Iz
min.
max.
(mA)
(
Ω)
(mA)
(
µA)
(V)
(mV/
oC)
(mA)
A1
5.2
5.5
A2
5.3
5.6
A3
5.4
5.7
B1
5.5
5.8
B2
5.6
5.9
B3
5.7
6.0
C1
5.8
6.1
C2
6.0
6.3
C3
6.1
6.4
A1
6.3
6.6
A2
6.4
6.7
A3
6.6
6.9
B1
6.7
7.0
B2
6.9
7.2
B3
7.0
7.3
C1
7.2
7.6
C2
7.3
7.7
C3
7.5
7.9
* Referent only
Page 1 of 3
Rev. 04 : August 9, 2005
Typical Temperature
Coefficient*
0.5
150
80
60
0.5
Type
Vz (V)
HZK6L
HZK7L
Grade
Zener Voltage
0.5
60
0.5
2.0
0.5
IR
@
VR
1
3.5
1
2.0
1.0
0.5
0.142(3.6)
0.134(3.4)
φ 0.063 (1.64)
0.055 (1.40)
0.019(0.48)
0.011(0.28)
Cathode Mark
MiniMELF (SOD-80C)
Dimensions in inches and ( millimeters )
www.eicsemi.com


Similar Part No. - HZK16L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZK16L HITACHI-HZK16L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Renesas Technology Corp
HZK16L RENESAS-HZK16L Datasheet
47Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
More results

Similar Description - HZK16L

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
P6KE440CA SEMITECH-P6KE440CA Datasheet
280Kb / 5P
   600W Peak Pulse Power Dissipation
logo
Diodes Incorporated
SMAJ12A-13 DIODES-SMAJ12A-13 Datasheet
146Kb / 5P
   400W Peak Pulse Power Dissipation
logo
New Jersey Semi-Conduct...
1N6036 NJSEMI-1N6036 Datasheet
147Kb / 2P
   1500 WATTS PEAK POWER DISSIPATION
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
Inchange Semiconductor ...
2SB682 ISC-2SB682 Datasheet
112Kb / 2P
   High Power Dissipation
2SB690 ISC-2SB690 Datasheet
110Kb / 2P
   High Power Dissipation
2SB683 ISC-2SB683 Datasheet
111Kb / 2P
   High Power Dissipation
2SD1314 ISC-2SD1314 Datasheet
127Kb / 2P
   High Power Dissipation
2SD1172 ISC-2SD1172 Datasheet
102Kb / 2P
   High Power Dissipation
2SD1171 ISC-2SD1171 Datasheet
103Kb / 2P
   High Power Dissipation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com