Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1G Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # RS1G
Description  SURFACE MOUNT FAST SWITCHING RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RS1G Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  RS1G Datasheet HTML 1Page - EIC discrete Semiconductors RS1G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60 100
LEAD TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
FORWARD VOLTAGE, (V)
Page 2 of 2
Rev. 07 : February 25, 2013
RATING AND CHARACTERISTIC CURVES ( RS1A - RS1M )
Resistive or Inductive Lead
0.8
0.6
0.4
0.2
1.0
10
10
1.0
24
0
30
0
18
12
6
0.01
1.0
80
0.01
0.1
0.1
100
0
20
40
60
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25 °C
TJ = 100 °C
TJ = 25 °C
Pulse Width = 300
ms
2% Duty Cycle
T
L = 90 °C
8.3 ms SINGLE
HALF SINE WAVE
P.C.B Mounted on 0.2 x 0.2"
(5.0x5.0 mm) Copper Pad Areas
30
0
0.4
0.8
1.2
1.6
2.0
0.2
0.6
1.0
1.4
1.8
30
TJ = 125 °C
TJ = 125 °C
www.eicsemi.com


Similar Part No. - RS1G

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
RS1G DACHANG-RS1G Datasheet
119Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
Pan Jit International I...
RS1G PANJIT-RS1G Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Shenzhen Yixinwei Techn...
RS1G YIXIN-RS1G Datasheet
171Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
RS1G VISHAY-RS1G Datasheet
82Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 25-Apr-14
logo
Fairchild Semiconductor
RS1G FAIRCHILD-RS1G Datasheet
49Kb / 3P
   Fast Rectifiers
More results

Similar Description - RS1G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS1FD VISHAY-RS1FD Datasheet
108Kb / 5P
   Surface-Mount Fast Switching Rectifiers
Revision: 15-Oct-2020
RS1FLD VISHAY-RS1FLD Datasheet
109Kb / 5P
   Surface-Mount Fast Switching Rectifiers
AR4PD VISHAY-AR4PD Datasheet
92Kb / 5P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 18-May-11
logo
Diotec Semiconductor
RGL1A DIOTEC-RGL1A Datasheet
155Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
FR1A DIOTEC-FR1A Datasheet
163Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
logo
Vishay Siliconix
AR3PK VISHAY-AR3PK Datasheet
92Kb / 5P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 04-May-11
logo
Diotec Semiconductor
RGL1A DIOTEC-RGL1A_07 Datasheet
104Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
logo
Vishay Siliconix
AR4PD VISHAY-AR4PD_V01 Datasheet
100Kb / 5P
   Fast Switching Avalanche Surface-Mount Rectifiers
01-Jan-2022
AR4PK VISHAY-AR4PK_V01 Datasheet
100Kb / 5P
   Fast Switching Avalanche Surface-Mount Rectifiers
01-Jan-2022
logo
Diotec Semiconductor
FR1A DIOTEC-FR1A_07 Datasheet
102Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com