Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8416-IZ Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS8416-IZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-IZ Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS8416-IZ Datasheet HTML 28Page - Cirrus Logic CS8416-IZ Datasheet HTML 29Page - Cirrus Logic CS8416-IZ Datasheet HTML 30Page - Cirrus Logic CS8416-IZ Datasheet HTML 31Page - Cirrus Logic CS8416-IZ Datasheet HTML 32Page - Cirrus Logic CS8416-IZ Datasheet HTML 33Page - Cirrus Logic CS8416-IZ Datasheet HTML 34Page - Cirrus Logic CS8416-IZ Datasheet HTML 35Page - Cirrus Logic CS8416-IZ Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
CS8416
32
DS578PP2
8.13
Interrupt 1 Status (0Dh)
For all bits in this register, a “1” means the associated interrupt condition has occurred at least once
since the register was last read. A “0” means the associated interrupt condition has NOT occurred
since the last reading of the register. Reading the register resets all bits to 0, unless the interrupt mode
is set to level and the interrupt source is still true. Status bits that are masked off in the associated
mask register will always be “0” in this register.
PCCH – PC burst preamble change.
Indicates that the PC byte has changed from its previous value. The user has TBD frames to read
new value before it can potentially be overwritten again. If the IEC61937 bit in the Format Detect Sta-
tus register goes high, it will cause a PCCH interrupt even if the PC byte hasn’t changed since the last
time the IEC61937 bit went high.
OSLIP - Serial audio output port data slip interrupt
When the serial audio output port is in slave mode, and OLRCK is asynchronous to the port data
source, This bit will go high every time a data sample is dropped or repeated.
DETC - D to E C-buffer transfer interrupt.
The source for this bit is true during the D to E buffer transfer in the C bit buffer management process.
C_CHANGE -Indicates that the current 10 bytes of channel status is different from the previous
10 bytes. (5 bytes per channel)
RERR - A receiver error has occurred.
The Receiver Error register may be read to determine the nature of the error which caused the inter-
rupt.
QCH – A new block of Q-subcode is available for reading. The data must be read within 588 AES3
frames after the interrupt occurs to avoid corruption of the data by the next block.
FCH – Format Change: Goes high when the PCM, IEC61937, DTS_LD, DTS_CD, or DGTL_SIL
bits in the Format Detect Status register transition from 0 to 1. When these bits in the Format
Detect Status register transition from 1 to 0, an interrupt will not be generated.
8.14
Q-Channel Subcode (0Eh - 17h)
Each byte is LSB first with respect to the 80 Q-subcode bits Q[79:0]. Thus bit 7 of address 0Eh is Q[0]
while bit 0 of address 0Eh is Q[7]. Similarly bit 0 of address 17h corresponds to Q[79].
76
5432
10
0
PCCH
OSLIP
DETC
CCH
RERR
QCH
FCH
76
5432
10
CONTROL
CONTROL
CONTROL
CONTROL
ADDRESS
ADDRESS
ADDRESS
ADDRESS
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE
ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME


Similar Part No. - CS8416-IZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8416-CNZ CIRRUS-CS8416-CNZ Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-CNZR CIRRUS-CS8416-CNZR Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-CSZ CIRRUS-CS8416-CSZ Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-CSZR CIRRUS-CS8416-CSZR Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-CZZ CIRRUS-CS8416-CZZ Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
More results

Similar Description - CS8416-IZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
   192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
   96 kHz Digital Audio Interface Receiver
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
   96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com