Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0631BKILF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9DBV0631BKILF
Description  6-output 1.8V PCIe Gen1-2-3 ZDB/FOB
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0631BKILF Datasheet(HTML) 3 Page - Integrated Device Technology

  9DBV0631BKILF Datasheet HTML 1Page - Integrated Device Technology 9DBV0631BKILF Datasheet HTML 2Page - Integrated Device Technology 9DBV0631BKILF Datasheet HTML 3Page - Integrated Device Technology 9DBV0631BKILF Datasheet HTML 4Page - Integrated Device Technology 9DBV0631BKILF Datasheet HTML 5Page - Integrated Device Technology 9DBV0631BKILF Datasheet HTML 6Page - Integrated Device Technology 9DBV0631BKILF Datasheet HTML 7Page - Integrated Device Technology 9DBV0631BKILF Datasheet HTML 8Page - Integrated Device Technology 9DBV0631BKILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
REVISION H 07/27/16
3
6-OUTPUT 1.8V PCIE GEN1-2-3 ZDB/FOB
9DBV0631 DATASHEET
Power Connections
Frequency Select Table
PLL Operating Mode
Pin Number
VDD
VDDIO
GND
541
Input
receiver
analog
11
8
Digital Power
16, 31
12,17,26,32,
39
41
DIF outputs,
Logic
25
41
PLL Analog
Description
FSEL
Byte3 [1:0]
CLK_IN
(MHz)
DIFx
(MHz)
00
100.00
CLK_IN
01
50.00
CLK_IN
10
125.00
CLK_IN
11
Reserved
Reserved
HiBW_BypM_LoBW#
MODE
Byte1 [7:6]
Readback
Byte1 [4:3]
Control
0
PLL Lo BW
00
00
M
Bypass
01
01
1
PLL Hi BW
11
11


Similar Part No. - 9DBV0631BKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0631 ICST-9DBV0631 Datasheet
166Kb / 17P
   55mW typical power consumption in PLL mode
logo
Integrated Device Techn...
9DBV0631 IDT-9DBV0631 Datasheet
166Kb / 17P
   Spread Spectrum tolerant
logo
Renesas Technology Corp
9DBV0631 RENESAS-9DBV0631 Datasheet
780Kb / 18P
   6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
AUGUST 2, 2021
More results

Similar Description - 9DBV0631BKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0641 IDT-9DBV0641_16 Datasheet
167Kb / 17P
   6 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
9DBV0441 IDT-9DBV0441 Datasheet
211Kb / 17P
   4 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
logo
Renesas Technology Corp
9DBU0631 RENESAS-9DBU0631 Datasheet
3Mb / 18P
   6 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
logo
Integrated Device Techn...
9DBV0431 IDT-9DBV0431_16 Datasheet
210Kb / 16P
   4-output 1.8V PCIe Gen1-2-3 Zero-delay/Fanout Buffer (ZDB/FOB)
logo
Renesas Technology Corp
9DBU0231 RENESAS-9DBU0231 Datasheet
486Kb / 18P
   2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9DBU0431 RENESAS-9DBU0431 Datasheet
3Mb / 17P
   4 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9DBU0831 RENESAS-9DBU0831 Datasheet
356Kb / 17P
   8 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9DBU0641 RENESAS-9DBU0641 Datasheet
3Mb / 18P
   6 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
04/22/15
9DBU0241 RENESAS-9DBU0241 Datasheet
3Mb / 18P
   2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
04/22/15
9DBU0441 RENESAS-9DBU0441 Datasheet
3Mb / 17P
   4 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
4/22/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com