Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0241 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9DBV0241
Description  2-Output 1.8V PCIe Gen1/2/3 Zero Delay
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0241 Datasheet(HTML) 4 Page - Integrated Device Technology

  9DBV0241_16 Datasheet HTML 1Page - Integrated Device Technology 9DBV0241_16 Datasheet HTML 2Page - Integrated Device Technology 9DBV0241_16 Datasheet HTML 3Page - Integrated Device Technology 9DBV0241_16 Datasheet HTML 4Page - Integrated Device Technology 9DBV0241_16 Datasheet HTML 5Page - Integrated Device Technology 9DBV0241_16 Datasheet HTML 6Page - Integrated Device Technology 9DBV0241_16 Datasheet HTML 7Page - Integrated Device Technology 9DBV0241_16 Datasheet HTML 8Page - Integrated Device Technology 9DBV0241_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2-OUTPUT 1.8V PCIE GEN1/2/3 ZERO DELAY / FANOUT BUFFER WITH ZO=100OHMS
4
REVISION F 04/28/16
9DBV0241 DATASHEET
Test Loads
Alternate Terminations
The 9DBV family can easily drive LVPECL, LVDS, and CML logic. See “AN-891 Driving LVPECL, LVDS, and CML Logic with
IDT's "Universal" Low-Power HCSL Outputs” for details.
Rs
Rs
Low-Power HCSL Differential Output Test Load
2pF
2pF
L
Zo=100ohm
Device
L = 5 inches


Similar Part No. - 9DBV0241_16

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0241 ICST-9DBV0241 Datasheet
311Kb / 17P
   slew rate for each output
logo
Integrated Device Techn...
9DBV0241 IDT-9DBV0241 Datasheet
311Kb / 17P
   SMBus-selectable features
logo
Renesas Technology Corp
9DBV0241 RENESAS-9DBV0241 Datasheet
756Kb / 17P
   2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
More results

Similar Description - 9DBV0241_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
   2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBV0831 IDT-9DBV0831_16 Datasheet
326Kb / 19P
   8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
9DBV0431 IDT-9DBV0431_16 Datasheet
210Kb / 16P
   4-output 1.8V PCIe Gen1-2-3 Zero-delay/Fanout Buffer (ZDB/FOB)
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
9DBV0631 IDT-9DBV0631_16 Datasheet
169Kb / 17P
   6-output 1.8V PCIe Gen1-2-3 ZDB/FOB
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
   2:1 1.8V PCIe Gen1-2-3 Clock Mux
logo
Renesas Technology Corp
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
   2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com