Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBL0442BKILFT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 9DBL0442BKILFT
Description  4-output 3.3V PCIe Zero-delay Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBL0442BKILFT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 9DBL0442BKILFT Datasheet HTML 7Page - Integrated Device Technology 9DBL0442BKILFT Datasheet HTML 8Page - Integrated Device Technology 9DBL0442BKILFT Datasheet HTML 9Page - Integrated Device Technology 9DBL0442BKILFT Datasheet HTML 10Page - Integrated Device Technology 9DBL0442BKILFT Datasheet HTML 11Page - Integrated Device Technology 9DBL0442BKILFT Datasheet HTML 12Page - Integrated Device Technology 9DBL0442BKILFT Datasheet HTML 13Page - Integrated Device Technology 9DBL0442BKILFT Datasheet HTML 14Page - Integrated Device Technology 9DBL0442BKILFT Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NOVEMBER 11, 2016
11
4-OUTPUT 3.3V PCIE ZERO-DELAY BUFFER
9DBL04 DATASHEET
SMBus Table: Output Enable Register 1
Byte 0
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
DIF OE3
Output Enable
RW
Pin Control
1
Bit 5
0
Bit 4
DIF OE2
Output Enable
RW
Pin Control
1
Bit 3
DIF OE1
Output Enable
RW
Pin Control
1
Bit 2
0
Bit 1
DIF OE0
Output Enable
RW
Pin Control
1
Bit 0
0
1. A low on these bits will overide the OE# pin and force the differential output to the state indicated by B11[1:0] (Low/Low default)
SMBus Table: PLL Operating Mode and Output Amplitude Control Register
Byte 1
Name
Control Function
Type
0
1
Default
Bit 7
PLLMODERB1
PLL Mode Readback Bit 1
R
Latch
Bit 6
PLLMODERB0
PLL Mode Readback Bit 0
R
Latch
Bit 5
PLLMODE_SWCNTRL
Enable SW control of PLL Mode RW
Values in B1[7:6]
set PLL Mode
Values in B1[4:3]
set PLL Mode
0
Bit 4
PLLMODE1
PLL Mode Control Bit 1
RW1
0
Bit 3
PLLMODE0
PLL Mode Control Bit 0
RW1
0
Bit 2
1
Bit 1
AMPLITUDE 1
RW
00 = 0.6V
01= 0.68V
1
Bit 0
AMPLITUDE 0
RW
10 = 0.75V
11 = 0.85V
0
1. B1[5] must be set to a 1 for these bits to have any effect on the part.
SMBus Table: Slew Rate Control Register
Byte 2
Name
Control Function
Type
0
1
Default
Bit 7
1
Bit 6
SLEWRATESEL DIF3
Slew rate selection
RW
Slow Setting
Fast Setting
1
Bit 5
1
Bit 4
SLEWRATESEL DIF2
Slew rate selection
RW
Slow Setting
Fast Setting
1
Bit 3
SLEWRATESEL DIF1
Slew rate selection
RW
Slow Setting
Fast Setting
1
Bit 2
1
Bit 1
SLEWRATESEL DIF0
Slew rate selection
RW
Slow Setting
Fast Setting
1
Bit 0
1
Note: See "Low-Power HCSL Outputs" table for slew rates.
SMBus Table: Slew Rate Control Register
Byte 3
Name
Control Function
Type
0
1
Default
Bit 7
1
Bit 6
1
Bit 5
FREQ_SEL_EN
Enable SW selection of
frequency
RW
SW frequency
change disabled
SW frequency
change enabled
0
Bit 4
FSEL1
Freq. Select Bit 1
RW1
0
Bit 3
FSEL0
Freq. Select Bit 0
RW1
0
Bit 2
1
Bit 1
1
Bit 0
SLEWRATESEL FB
Adjust Slew Rate of FB
RW
Slow Setting
Fast Setting
1
1. B3[5] must be set to a 1 for these bits to have any effect on the part.
Byte 4 is Reserved
Reserved
Reserved
Reserved
Controls Output Amplitude
See PLL Operating Mode Table
See PLL Operating Mode Table
Reserved
Reserved
Reserved
00 = 100M, 10 = 125M
01 = 50M, 11= Reserved
Reserved
Reserved
Reserved
Reserved
See B11[1:0]
Reserved
Reserved
Reserved


Similar Part No. - 9DBL0442BKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL0442BKILFT IDT-9DBL0442BKILFT Datasheet
305Kb / 19P
   4-Output 3.3V PCIe Zero-delay Buffer
More results

Similar Description - 9DBL0442BKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL0442 IDT-9DBL0442 Datasheet
305Kb / 19P
   4-Output 3.3V PCIe Zero-delay Buffer
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0641 IDT-9DBL0641 Datasheet
307Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
logo
Silicon Laboratories
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com