Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL3S2223 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NL3S2223
Description  High-Speed USB 2.0 (480 Mbps) DPDT Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL3S2223 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NL3S2223 Datasheet HTML 2Page - ON Semiconductor NL3S2223 Datasheet HTML 3Page - ON Semiconductor NL3S2223 Datasheet HTML 4Page - ON Semiconductor NL3S2223 Datasheet HTML 5Page - ON Semiconductor NL3S2223 Datasheet HTML 6Page - ON Semiconductor NL3S2223 Datasheet HTML 7Page - ON Semiconductor NL3S2223 Datasheet HTML 8Page - ON Semiconductor NL3S2223 Datasheet HTML 9Page - ON Semiconductor NL3S2223 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NL3S2223
www.onsemi.com
6
Channel switch control/s test socket is normalized. Off isolation is measured across an off channel. On loss
is the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input signal direction.
VISO = Off Channel Isolation = 20 Log
for VIN at 100 kHz
VONL = On Channel Loss = 20 Log
for VIN at 100 kHz to 50 MHz
Bandwidth (BW) = the frequency 3 dB below VONL
VCT = Use VISO setup and test to all other switch analog input/outputs terminated with 50 W
Output
DUT
Input
50
W
50
W Generator
Reference
Transmitted
Figure 6. Off Channel Isolation/On Channel Loss (BW)/Crosstalk
(On Channel to Off Channel)/VONL
50
W
VOUT
VIN
VOUT
VIN
DETAILED DESCRIPTION
High Speed (480Mbps) USB 2.0 Optimized
The NL3S2223 is a DPDT switch designed for USB
applications within portable systems. The RON and CON of
both switches are maintained at industry−leading low levels
in order to ensure maximum signal integrity for USB 2.0
high speed data communication. The NL3S2223 switch can
be used to switch between high speed (480Mbps) USB
signals and a variety of audio or data signals such as full
speed USB, UART or even a moderately resistive audio
terminal.
Over Voltage Tolerant
The NL3S2223 features over voltage tolerant I/O
protection on the common signal pins D+/D−. This allows
the switch to interface directly with a USB connector. The
D+/D− pins can withstand a short to VBUS, up to 5.25 V,
continuous DC current for up to 24 hours as specified in the
USB 2.0 specification. This protection is achieved without
the need for any external resistors or protection devices.


Similar Part No. - NL3S2223

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL3S2223 ONSEMI-NL3S2223 Datasheet
371Kb / 10P
   High-Speed USB 2.0 DPDT Switches
April, 2018 ??Rev. 1
NL3S2223MUTBG ONSEMI-NL3S2223MUTBG Datasheet
371Kb / 10P
   High-Speed USB 2.0 DPDT Switches
April, 2018 ??Rev. 1
NL3S2223 ONSEMI-NL3S2223_18 Datasheet
371Kb / 10P
   High-Speed USB 2.0 DPDT Switches
April, 2018 ??Rev. 1
More results

Similar Description - NL3S2223

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7222BMUTAG ONSEMI-NLAS7222BMUTAG Datasheet
177Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
NLAS7222B ONSEMI-NLAS7222B_11 Datasheet
177Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
NLAS7242 ONSEMI-NLAS7242 Datasheet
672Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2009 ??Rev. 4
NL3HS2222 ONSEMI-NL3HS2222_16 Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
NLAS7222B ONSEMI-NLAS7222B Datasheet
816Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
NLAS7223C ONSEMI-NLAS7223C Datasheet
413Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
October, 2008 ??Rev. 1
logo
Shenzhen Huazhimei Semi...
HM7222 HMSEMI-HM7222 Datasheet
1Mb / 9P
   High-Speed USB 2.0(480 Mbps) DPDT Switches
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_07 Datasheet
160Kb / 11P
   High?뭆peed USB 2.0 (480 Mbps) DPDT Switch
February, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com