Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCN1154 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCN1154
Description  USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCN1154 Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCN1154
www.onsemi.com
4
SUPPLY CURRENT AND LEAKAGE Min and Max apply for TA between −40°C to +85°C and TJ up to +125°C (Unless otherwise
noted). Typical values are referenced to TA = +25°C, VCC = 3.3 V.
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
INC,NO(OFF)
D+, D−
R, L
Tx, Rx
OFF State Leakage
VCOM−, VCOM+ = 0 V, 4.2 V
VD+, VD− = 4.2 V, 0 V or float
VL, VR = float or 4.2 V, 0 V
4.2
±80
nA
ICOM(ON)
COM−,
COM+
ON State Leakage
VCOM−, VCOM+ = 0 V, 4.2 V
VD+, VD− = 4.2 V, 0 V or float
VL, VR = float or 4.2 V, 0 V
4.2
±100
nA
ICC
VCC
Quiescent Supply
VIS = GND to VCC; ID = 0 A
4.2
21
35
mA
IOFF
COM−,
COM+
Power OFF Leakage
0
≤ VIS ≤ 5.0 V
0
50
mA
USB ON RESISTANCE Min and Max apply for TA between −40°C to +85°C and TJ up to +125°C (Unless otherwise noted). Typical
values are referenced to TA = +25°C, VCC = 3.3 V.
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
RON
D+ to COM+
D− to COM−
On−Resistance
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
5.5
5.5
5.5
7.5
7.5
7.5
W
RFLAT
D+ to COM+
D− to COM−
On−Resistance Flatness
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
0.08
0.08
0.08
W
DRON
D+ to COM+
D− to COM−
On−Resistance Matching
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
0.03
0.03
0.03
W
AUDIO ON RESISTANCE Min and Max apply for TA between −40°C to +85°C and TJ up to +125°C (Unless otherwise noted). Typical
values are referenced to TA = +25°C, VCC = 3.3 V.
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
RON
R to COM+
L to COM−
On−Resistance
ION = 10 mA
VIS = −1.5 to 1.5
2.7
3.3
4.2
3.0
3.0
3.0
4.7
4.7
4.7
W
RFLAT
R to COM+
L to COM−
On−Resistance Flatness
ION = 10 mA
VIS = −1.5 to 1.5
2.7
3.3
4.2
0.11
0.11
0.11
W
DRON
R to COM+
L to COM−
On−Resistance Matching
ION = 10 mA
VIS = −1.5 to 1.5
2.7
3.3
4.2
0.03
0.03
0.03
W
RSH
L, R
Shunt Resistance
(Resistor + Switch)
ION = 10 mA
2.7 − 4.2
118
160
W
UART ON RESISTANCE Min and Max apply for TA between −40°C to +85°C and TJ up to +125°C (Unless otherwise noted). Typical
values are referenced to TA = +25°C, VCC = 3.3 V.
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
RON
Tx to COM+
Rx to COM−
On−Resistance
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
5.5
5.5
5.5
7.5
7.5
7.5
W
RFLAT
Tx to COM+
Rx to COM−
On−Resistance Flatness
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
0.08
0.08
0.08
W
DRON
Tx to COM+
Rx to COM−
On−Resistance Matching
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
0.03
0.03
0.03
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn