Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCN1154 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NCN1154
Description  USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCN1154 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NCN1154
www.onsemi.com
3
OPERATING CONDITIONS
MAXIMUM RATINGS
Symbol
Pins
Parameter
Value
Unit
VCC
VCC
Positive DC Supply Voltage
−0.5 to +6.0
V
VIS
R, L, D+, D−, Rx, Tx
Analog I/O
−2.5 to VCC + 0.5
V
COM+, COM−
−2.5 to +6.0
VIN
IN1, IN2
Control Input Voltage
−0.5 to +6.0
V
ICC
VCC
Positive DC Supply Current
50
mA
TS
Storage Temperature
−65 to +150
°C
IIS_CON
COM+, COM−, R, L, D+, D−, Rx, Tx
Analog Signal Continuous Current−Closed Switch
$100
mA
IIS_PK
COM+, COM−, R, L, D+, D−, Rx, Tx
Analog Signal Continuous Current 10% Duty Cycle
$500
mA
IIN
IN1, IN2
Control Input Current
1.0
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
NOTE:
These devices have limited built−in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage.
RECOMMENDED OPERATING CONDITIONS
Symbol
Pins
Parameter
Min
Max
Unit
VCC
VCC
Positive DC Supply Voltage
2.7
5.0
V
VIS
D+ to COM+, D− to COM−
Analog Signal Voltage (Note 1)
GND
VCC
V
L to COM+, R to COM−
−2.0
VCC
Tx to COM+, Rx to COM−
GND
VCC
VIN
IN1, IN2
Control Input Voltage
GND
VCC
V
TA
Operating Temperature
−40
+85
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
1. In USB mode, any signal supplied to the off−state audio inputs R, L may not swing below ground or above 1.5 V.
DC ELECTRICAL CHARACTERISTICS
CONTROL INPUT Min and Max apply for TA between −40°C to +85°C and TJ up to +125°C (Unless otherwise noted). Typical values
are referenced to TA = +25°C, VCC = 3.3 V.
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
VIH
IN1, IN2
Control Input HIGH Voltage
2.7
3.3
4.2
1.3
1.4
1.5
V
VIL
IN1, IN2
Control Input LOW Voltage
2.7
3.3
4.2
0.4
0.4
0.4
V
IIN
IN1, IN2
Current Input Leakage
Current
0
≤ VIS ≤ VCC
±50
nA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn