Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCN1154 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCN1154
Description  USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCN1154 Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCN1154
www.onsemi.com
5
AC ELECTRICAL CHARACTERISTICS
TIMING/FREQUENCY Min and Max apply for TA between −40°C to +85°C and TJ up to +125°C (Unless otherwise noted). Typical values
are referenced to TA = +25°C, VCC = 3.3 V. RL = 50 W, CL = 35 pF, f = 1 MHz.
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
5C to +855C
Unit
Min
Typ
Max
tON
Turn−ON Time (Closed to Open)
15
ms
tOFF
Turn−OFF Time (Closed to
Open)
67
ns
TBBM
Break−Before−Make Time
11
ms
BW
D+ / D-
Tx / Rx
R / L
−3 dB Bandwidth
CL = 5 pF
RS = 50 W
820
800
750
MHz
ISOLATION Min and Max apply for TA between −40°C to +85°C and TJ up to +125°C (Unless otherwise noted). Typical values are
referenced to TA = +25°C, VCC = 3.3 V. RL = 50 W, CL = 5 pF.
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
5C to +855C
Unit
Min
Typ
Max
OIRR
Open
OFF−Isolation
f = 100 kHz,
RS = 50 W
−81
dB
XTALK
COM+ to
COM−
Non−Adjacent Channel
Crosstalk
f = 100 kHz,
RS = 50 W
−93
dB
THD+N
Total Harmonic Distortion +
Noise
IN1, IN2 = 3.0 V
f = 20 Hz to 20 kHz
VCOM = 0.5 Vpp
RL = 600 W
3.0
0.001
%
PSRR
Power Supply Rejection Ratio
f = 10 kHz
RCOM = 50 W
3.0
60
dB
CAPACITANCE Min and Max apply for TA between −40°C to +85°C and TJ up to +125°C (Unless otherwise noted). Typical values are
referenced to TA = +25°C, VCC = 3.3 V. RL = 50 W, CL = 5 pF, f = 1 MHz.
Symbol
Pins
Parameter
Test Conditions
−40
5C to +855C
Unit
Min
Typ
Max
CIN
IN1, IN2
Control Pin Input Capacitance
VCC = 0 V
2.0
pF
CON
D+, Tx to COM+
D−, Rx to COM−
USB, UART ON Capacitance
9.0
pF
CON
R to COM+
L to COM−
Audio ON Capacitance
8.5
pF
COFF
D+, D−
Tx, Rx
USB, UART OFF Capacitance
3.5
pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn