Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N57M5127ZD50TG Datasheet(PDF) 1 Page - ON Semiconductor

Part # N57M5127ZD50TG
Description  32?릘ap Digital Potentiometer (POT) with Wiper Storage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N57M5127ZD50TG Datasheet(HTML) 1 Page - ON Semiconductor

  N57M5127ZD50TG Datasheet HTML 1Page - ON Semiconductor N57M5127ZD50TG Datasheet HTML 2Page - ON Semiconductor N57M5127ZD50TG Datasheet HTML 3Page - ON Semiconductor N57M5127ZD50TG Datasheet HTML 4Page - ON Semiconductor N57M5127ZD50TG Datasheet HTML 5Page - ON Semiconductor N57M5127ZD50TG Datasheet HTML 6Page - ON Semiconductor N57M5127ZD50TG Datasheet HTML 7Page - ON Semiconductor N57M5127ZD50TG Datasheet HTML 8Page - ON Semiconductor N57M5127ZD50TG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. P0
1
Publication Order Number:
N57M5127/D
N57M5127
Product Preview
32‐tap Digital
Potentiometer (POT) with
Wiper Storage
Description
The N57M5127 is a single digital POTs designed as an electronic
replacement for mechanical potentiometers and trim pots. Ideal for
automated adjustments on high volume production lines, it is also well
suited for applications where equipment requiring periodic adjustment
is either difficult to access or located in a hazardous or remote
environment.
The N57M5127 contains a 32-tap series resistor array connected
between two terminals RH and RL. An up/down counter and decoder
that are controlled by three input pins, determines which tap is
connected to the wiper. The wiper setting, stored in nonvolatile
memory, is not lost when the device is powered down and is
automatically reinstated when power is returned. The wiper can be
adjusted to test new system values without effecting the stored setting.
Wiper-control of the N57M5127 is accomplished with three input
control pins, CS, U/D, and INC. The INC input increments the wiper
in the direction which is determined by the logic state of the U/D input.
The CS input is used to select the device and also store the wiper
position prior to power down.
The device is used as a two-terminal variable resistors. Digital POTs
bring variability and programmability to a wide variety of applications
including control, parameter adjustments, and signal processing.
Features
32-position Linear Taper Potentiometer
Non-volatile EEPROM Wiper Storage
Low Standby Current
Single Supply Operation: 2.7 V – 5.5 V
Increment Up/Down Serial Interface
Resistance Values: 10 kW, 50 kW and 100 kW
8−Lead MSOP Package
This Device is Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Automated Product Calibration
Remote Control Adjustments
Offset, Gain and Zero Control
Tamper-proof Calibrations
Contrast, Brightness and Volume Controls
Motor Controls and Feedback Systems
Programmable Analog Functions
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
www.onsemi.com
PIN CONFIGURATION
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
MSOP−8
Z SUFFIX
CASE 846AD
(Top View)
VCC
CS
RL
NC
INC
U/D
RH
GND
1
MSOP (Z)
1
N57M5127


Similar Part No. - N57M5127ZD50TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N57M5127ZD50TG ONSEMI-N57M5127ZD50TG Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
More results

Similar Description - N57M5127ZD50TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
CAT5112VI10 ONSEMI-CAT5112VI10 Datasheet
201Kb / 10P
   32?릘ap Digital Potentiometer (POT) with Buffered Wiper
June, 2013 ??Rev. 16
CAT5112VI-50 ONSEMI-CAT5112VI-50 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer (POT)
August, 2016 ??Rev. P0
CAT5115 ONSEMI-CAT5115_13 Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
CAT5126 ONSEMI-CAT5126_13 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com