Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N57M5114 Datasheet(PDF) 5 Page - ON Semiconductor

Part # N57M5114
Description  32?릘ap Digital Potentiometer (POT)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N57M5114 Datasheet(HTML) 5 Page - ON Semiconductor

  N57M5114 Datasheet HTML 1Page - ON Semiconductor N57M5114 Datasheet HTML 2Page - ON Semiconductor N57M5114 Datasheet HTML 3Page - ON Semiconductor N57M5114 Datasheet HTML 4Page - ON Semiconductor N57M5114 Datasheet HTML 5Page - ON Semiconductor N57M5114 Datasheet HTML 6Page - ON Semiconductor N57M5114 Datasheet HTML 7Page - ON Semiconductor N57M5114 Datasheet HTML 8Page - ON Semiconductor N57M5114 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
N57M5114
www.onsemi.com
5
Table 5. DC ELECTRICAL CHARACTERISTICS (VCC = +2.5 V to +6 V unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER SUPPLY
VCC
Operating Voltage Range
2.5
6.0
V
ICC1
Supply Current (Increment)
VCC = 6 V, f = 1 MHz, IW = 0
100
mA
VCC = 6 V, f = 250 kHz, IW = 0
50
mA
ICC2
Supply Current (Write)
Programming, VCC = 6 V
1000
mA
VCC = 3 V
500
mA
ISB1 (Note 4)
Supply Current (Standby)
CS = VCC − 0.3 V
U/D, INC = VCC − 0.3 V or GND
1
mA
LOGIC INPUTS
IIH
Input Leakage Current
VIN = VCC
10
mA
IIL
Input Leakage Current
VIN = 0 V
−10
mA
VIH2
CMOS High Level Input Voltage
2.5 V
≤ VCC ≤ 6 V
VCC x 0.7
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
−0.3
VCC x 0.2
V
POTENTIOMETER CHARACTERISTICS
RPOT
Potentiometer Resistance
−10 Device
10
k
W
−50 Device
50
−00 Device
100
Pot. Resistance Tolerance
±20
%
VRH
Voltage on RH pin
0
VCC
V
VRL
Voltage on RL pin
0
VCC
V
Resolution
3.2
%
INL
Integral Linearity Error
0.5
LSB
DNL
Differential Linearity Error
0.25
LSB
RWI
Wiper Resistance
VCC = 5 V, IW = 1 mA
70
200
W
VCC = 2.5 V, IW = 1 mA
150
400
W
IW
Wiper Current
−4.4
4.4
mA
TCRPOT
TC of Pot Resistance
300
ppm/
°C
TCRATIO
Ratiometric TC
20
ppm/
°C
VN
Noise
100 kHz / 1 kHz
8/24
nV/
√Hz
CH/CL/CW
Potentiometer Capacitances
8/8/25
pF
fc
Frequency Response
Passive Attenuator, 10 k
W
1.7
MHz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. This parameter is tested initially and after a design or process change that affects the parameter.
4. Latch−up protection is provided for stresses up to 100 mA on address and data pins from −1 V to VCC + 1 V.
5. IW = source or sink.
6. These parameters are periodically sampled and are not 100% tested.


Similar Part No. - N57M5114

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer
June, 2018 ??Rev. 4
N57M5114VP2D00TG ONSEMI-N57M5114VP2D00TG Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer
June, 2018 ??Rev. 4
N57M5114VP2D10TG ONSEMI-N57M5114VP2D10TG Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer
June, 2018 ??Rev. 4
N57M5114VP2D50TG ONSEMI-N57M5114VP2D50TG Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer
June, 2018 ??Rev. 4
N57M5114WD00TG ONSEMI-N57M5114WD00TG Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer
June, 2018 ??Rev. 4
More results

Similar Description - N57M5114

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
CAT5115 ONSEMI-CAT5115_13 Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
CAT5126 ONSEMI-CAT5126_13 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
CAT5112VI-50 ONSEMI-CAT5112VI-50 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5112VI10 ONSEMI-CAT5112VI10 Datasheet
201Kb / 10P
   32?릘ap Digital Potentiometer (POT) with Buffered Wiper
June, 2013 ??Rev. 16
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com