Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP7226 Datasheet(PDF) 5 Page - Exar Corporation

Part # MP7226
Description  BiCMOS Fixed, Quad, Voltage Output, Single or Dual Supply 8-Bit Digital-to-Analog Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7226 Datasheet(HTML) 5 Page - Exar Corporation

  MP7226 Datasheet HTML 1Page - Exar Corporation MP7226 Datasheet HTML 2Page - Exar Corporation MP7226 Datasheet HTML 3Page - Exar Corporation MP7226 Datasheet HTML 4Page - Exar Corporation MP7226 Datasheet HTML 5Page - Exar Corporation MP7226 Datasheet HTML 6Page - Exar Corporation MP7226 Datasheet HTML 7Page - Exar Corporation MP7226 Datasheet HTML 8Page - Exar Corporation MP7226 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP7226
5
Rev. 2.00
ELECTRICAL CHARACTERISTICS
Single & Dual
5 V Supply Operation (VDD = +5 V 5%, VSS = 0 V to –5 V 10%, VREF = +1.25 V,
AGND = 0 V, DGND = 0 V, RL = 2kΩ, CL = 100pF unless otherwise noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE
Resolution (All Grades)
N
8
8
Bits
Integral Non-Linearity
INL
LSB
(Relative Accuracy)
K
2
2
End Point Linearity Spec
L1
1
Differential Non-Linearity
DNL
LSB
All grades monotonic over full
K
1
1
temperature range.
L
1
1
Total Unadjusted Error2
4
LSB
VDD = 5 V 5%, VREF = 1.25 V
Full Scale Error3
LSB
VREF = +1.25 V
K
4
4
L
2
2
Zero Code Error
20
mV
Output Load Resistance
2
k
VOUT = +10 V
DYNAMIC PERFORMANCE4
Voltage Output Slew Rate
2
4
V/
µs
Voltage Output Settling Time
4
µsVREF = +1.25 V; Settling Time to
1/2 LSB
Digital Feedthrough
25
nVs
Code transition all 0s to all 1s
VREF = 0 V, WR = VDD
Digital Crosstalk5
25
nVs
Code transition all 0s to all 1s
VREF = +1.25 V, WR = 0 V
REFERENCE INPUT
Reference Input Range
1
1.6
1
1.6
V
VOUT must be < VDD by 3.2V
Reference Input Resistance
RIN
22
k
Reference Input Capacitance4
500
pF
Occurs when all DACs are loaded
with all 1s
AC Feedthrough
–70
dB
VREF = 10 kHz, 1/2 V p-p sinewave
DIGITAL INPUTS
Input High Voltage
VINH
2.4
2.4
V
Input Low Voltage
VINL
0.8
0.8
V
Input Leakage Current
ILKG
1
1
µAVIN = 0 V or VDD
Input Capacitance4
88
pF
Input Coding
Binary


Similar Part No. - MP7226

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP725 ETC-MP725 Datasheet
48Kb / 1P
   MP725 Surface Mount Power Film Resistors
MP725 ETC2-MP725 Datasheet
138Kb / 1P
   Surface Mount Power Film Resistors
logo
Caddock Electronics, In...
MP725 CADDOCK-MP725 Datasheet
182Kb / 1P
   MP725 Surface Mount Power Film Resistors
logo
List of Unclassifed Man...
MP725 ETC2-MP725_04 Datasheet
138Kb / 1P
   Surface Mount Power Film Resistors
logo
Caddock Electronics, In...
MP725 CADDOCK-MP725_17 Datasheet
262Kb / 1P
   MP725 Surface Mount Power Film Resistors
More results

Similar Description - MP7226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com