Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAV24C512YE-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAV24C512YE-GT3
Description  512 kb I2C CMOS Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV24C512YE-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAV24C512YE-GT3 Datasheet HTML 1Page - ON Semiconductor CAV24C512YE-GT3 Datasheet HTML 2Page - ON Semiconductor CAV24C512YE-GT3 Datasheet HTML 3Page - ON Semiconductor CAV24C512YE-GT3 Datasheet HTML 4Page - ON Semiconductor CAV24C512YE-GT3 Datasheet HTML 5Page - ON Semiconductor CAV24C512YE-GT3 Datasheet HTML 6Page - ON Semiconductor CAV24C512YE-GT3 Datasheet HTML 7Page - ON Semiconductor CAV24C512YE-GT3 Datasheet HTML 8Page - ON Semiconductor CAV24C512YE-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAV24C512
www.onsemi.com
2
SOIC−8 (W)
TSSOP−8 (Y)
MARKING DIAGRAMS
24512A = Specific Device Code
A
= Assembly Location Code
Y
= Production Year (Last Digit)
M
= Production Month (1−9, O, N, D)
XXX
= Last Three Digits of
= Assembly Lot Number
G
= Pb−Free Microdot
24512A
AYMXXX
C12A
AYMXXX
C12A
= Specific Device Code
A
= Assembly Location Code
Y
= Production Year (Last Digit)
M
= Production Month (1−9, O, N, D)
XXX
= Last Three Digits of
= Assembly Lot Number
G
= Pb−Free Microdot
G
G
C9L
ALL
YM
G
C9L = Specific Device Code
A
= Assembly Location Code
LL
= Assembly Lot
Y
= Year
M
= Month
G
= Pb−Free Package
UDFN−8 (HU5)
C9A = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
C9A
AYW
WLCSP−8 (C8A)
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Storage Temperature
–65 to +150
°C
Voltage on any Pin with Respect to Ground (Note 1)
–0.5 to +6.5
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Notes 3, 4)
Endurance
1,000,000
Program/Erase Cycles
TDR
Data Retention
100
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Page Mode, VCC = 5 V, 25°C.
4. The device uses ECC (Error Correction Code) logic with 6 ECC bits to correct one bit error in 4 data bytes. Therefore, when a single byte
has to be written, 4 bytes (including the ECC bits) are re-programmed. It is recommended to write by multiple of 4 bytes in order to benefit
from the maximum number of write cycles.
Table 3. D.C. OPERATING CHARACTERISTICS VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Max
Units
ICCR
Read Current
Read, fSCL = 400 kHz/1 MHz
1
mA
ICCW
Write Current
VCC = 5.5 V
2.5
mA
ISB
Standby Current
All I/O Pins at GND or VCC
TA = −40°C to +125°C
5
mA
IL
I/O Pin Leakage
Pin at GND or VCC
TA = −40°C to +125°C
2
mA
VIL1
Input Low Voltage
−0.5
0.3 VCC
V
VIH1
Input High Voltage
0.7 VCC
VCC + 0.5
V
VOL1
Output Low Voltage
IOL = 3.0 mA
0.4
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - CAV24C512YE-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV24C512YE-GT3 ONSEMI-CAV24C512YE-GT3 Datasheet
357Kb / 18P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 3
More results

Similar Description - CAV24C512YE-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512_15 Datasheet
145Kb / 17P
   512 Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 7
CAT24C512_1111 ONSEMI-CAT24C512_1111 Datasheet
193Kb / 16P
   512 kb I2C CMOS Serial EEPROM
November, 2011 ??Rev. 3
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
CAV24C512 ONSEMI-CAV24C512_18 Datasheet
357Kb / 18P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 3
CAT24C512C8UTR ONSEMI-CAT24C512C8UTR Datasheet
99Kb / 11P
   EEPROM Serial 512-Kb I2C
September, 2018 ??Rev. 0
CAV25512 ONSEMI-CAV25512_16 Datasheet
121Kb / 14P
   512-Kb SPI Serial CMOS EEPROM
September, 2016 ??Rev. 4
CAV25512H ONSEMI-CAV25512H Datasheet
100Kb / 12P
   512-Kb SPI Serial CMOS EEPROM
July, 2016 ??Rev. 0
CAT25512 ONSEMI-CAT25512_16 Datasheet
150Kb / 17P
   512-Kb SPI Serial CMOS EEPROM
March, 2016 ??Rev. 9
CAT25512VI-GT3 ONSEMI-CAT25512VI-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAV25512VE-GT3 ONSEMI-CAV25512VE-GT3 Datasheet
174Kb / 13P
   512-Kb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com