Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAV24C512 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAV24C512
Description  512 kb I2C CMOS Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV24C512 Datasheet(HTML) 3 Page - ON Semiconductor

  CAV24C512 Datasheet HTML 1Page - ON Semiconductor CAV24C512 Datasheet HTML 2Page - ON Semiconductor CAV24C512 Datasheet HTML 3Page - ON Semiconductor CAV24C512 Datasheet HTML 4Page - ON Semiconductor CAV24C512 Datasheet HTML 5Page - ON Semiconductor CAV24C512 Datasheet HTML 6Page - ON Semiconductor CAV24C512 Datasheet HTML 7Page - ON Semiconductor CAV24C512 Datasheet HTML 8Page - ON Semiconductor CAV24C512 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAV24C512
www.onsemi.com
3
Table 4. PIN IMPEDANCE CHARACTERISTICS VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.
Symbol
Parameter
Conditions
Max
Units
CIN (Note 5)
SDA I/O Pin Capacitance
VIN = 0 V
8
pF
CIN (Note 5)
Input Capacitance (other pins)
VIN = 0 V
6
pF
IWP, IA (Note 6)
WP Input Current, Address Input
Current (A0, A1, A2)
VIN < VIH, VCC = 5.5 V
75
mA
VIN < VIH, VCC = 3.3 V
50
VIN > VIH
2
5. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
6. When not driven, the WP, A0, A1, A2 pins are pulled down to GND internally. For improved noise immunity, the internal pull−down is relatively
strong; therefore the external driver must be able to supply the pull−down current when attempting to drive the input HIGH. To conserve power,
as the input level exceeds the trip point of the CMOS input buffer (~ 0.5 x VCC), the strong pull−down reverts to a weak current source.
Table 5. A.C. CHARACTERISTICS (Note 7) VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.
Symbol
Parameter
Standard
Fast
Fast−Plus
Units
Min
Max
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
1,000
kHz
tHD:STA
START Condition Hold Time
4
0.6
0.25
ms
tLOW
Low Period of SCL Clock
4.7
1.3
0.45
ms
tHIGH
High Period of SCL Clock
4
0.6
0.40
ms
tSU:STA
START Condition Setup Time
4.7
0.6
0.25
ms
tHD:DAT
Data In Hold Time
0
0
0
ms
tSU:DAT
Data In Setup Time
250
100
50
ns
tR (Note 8)
SDA and SCL Rise Time
1,000
300
100
ns
tF (Note 8)
SDA and SCL Fall Time
300
300
100
ns
tSU:STO
STOP Condition Setup Time
4
0.6
0.25
ms
tBUF
Bus Free Time Between
STOP and START
4.7
1.3
0.5
ms
tAA
SCL Low to Data Out Valid
3.5
0.9
0.40
ms
tDH
Data Out Hold Time
50
50
50
ns
Ti (Note 8)
Noise Pulse Filtered at SCL
and SDA Inputs
50
50
50
ns
tSU:WP
WP Setup Time
0
0
0
ms
tHD:WP
WP Hold Time
2.5
2.5
1
ms
tWR
Write Cycle Time
5
5
5
ms
tPU (Notes 8, 9)
Power-up to Ready Mode
1
1
0.1
1
ms
7. Test conditions according to “A.C. Test Conditions” table.
8. Tested initially and after a design or process change that affects this parameter.
9. tPU is the delay between the time VCC is stable and the device is ready to accept commands.
Table 6. A.C. TEST CONDITIONS
Input Levels
0.2 x VCC to 0.8 x VCC
Input Rise and Fall Times
≤ 50 ns
Input Reference Levels
0.3 x VCC, 0.7 x VCC
Output Reference Levels
0.5 x VCC
Output Load
Current Source: IL = 3 mA, CL = 100 pF


Similar Part No. - CAV24C512

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV24C512C8ATR ONSEMI-CAV24C512C8ATR Datasheet
357Kb / 18P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 3
CAV24C512HU5EGT3 ONSEMI-CAV24C512HU5EGT3 Datasheet
357Kb / 18P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 3
CAV24C512WE-GT3 ONSEMI-CAV24C512WE-GT3 Datasheet
357Kb / 18P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 3
CAV24C512YE-GT3 ONSEMI-CAV24C512YE-GT3 Datasheet
357Kb / 18P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 3
CAV24C512 ONSEMI-CAV24C512_18 Datasheet
357Kb / 18P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 3
More results

Similar Description - CAV24C512

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512_15 Datasheet
145Kb / 17P
   512 Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 7
CAT24C512_1111 ONSEMI-CAT24C512_1111 Datasheet
193Kb / 16P
   512 kb I2C CMOS Serial EEPROM
November, 2011 ??Rev. 3
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
CAV24C512 ONSEMI-CAV24C512_18 Datasheet
357Kb / 18P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 3
CAT24C512C8UTR ONSEMI-CAT24C512C8UTR Datasheet
99Kb / 11P
   EEPROM Serial 512-Kb I2C
September, 2018 ??Rev. 0
CAV25512 ONSEMI-CAV25512_16 Datasheet
121Kb / 14P
   512-Kb SPI Serial CMOS EEPROM
September, 2016 ??Rev. 4
CAV25512H ONSEMI-CAV25512H Datasheet
100Kb / 12P
   512-Kb SPI Serial CMOS EEPROM
July, 2016 ??Rev. 0
CAT25512 ONSEMI-CAT25512_16 Datasheet
150Kb / 17P
   512-Kb SPI Serial CMOS EEPROM
March, 2016 ??Rev. 9
CAT25512VI-GT3 ONSEMI-CAT25512VI-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAV25512VE-GT3 ONSEMI-CAV25512VE-GT3 Datasheet
174Kb / 13P
   512-Kb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com